Electronic Components Datasheet Search
  English  ▼

X  

WM8224 Datasheet(PDF) 30 Page - Cirrus Logic

Part # WM8224
Description  60MSPS 3-Channel AFE with Multiple Device Operation
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8224 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button WM8224 Datasheet HTML 26Page - Cirrus Logic WM8224 Datasheet HTML 27Page - Cirrus Logic WM8224 Datasheet HTML 28Page - Cirrus Logic WM8224 Datasheet HTML 29Page - Cirrus Logic WM8224 Datasheet HTML 30Page - Cirrus Logic WM8224 Datasheet HTML 31Page - Cirrus Logic WM8224 Datasheet HTML 32Page - Cirrus Logic WM8224 Datasheet HTML 33Page - Cirrus Logic WM8224 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
WM8224
Production Data
w
PD, Rev 4.2, September 2013
30
1.
Dummy Pixel delay
Set BLC_DEL, the number of dummy pixels for the sensor
BLC_DEL = ‘0010100’
The duration for this will then be BLC_DEL * VSMP period
Dummy pixel delay = 20*75ns = 1.5us
2.
Define the coarse adjust loop
When setting the coarse adjust calibration it is necessary to bear in mind the following:
The number of black pixels available
The coarse adjust iteration duration
The number of iterations required.
Step 1: Set up BPIX_AVAIL with the number of available black pixels for the sensor.
BPIX_AVAIL = ’0000110010’
Step 2:
Calculate MCLK:VSMP ratio
40:13.33 = 3:1
Step 3:
Calculate the duration of the iteration in no. of pixels (round up value). Refer to Table 4 for
the number of MCLK’s per Coarse Adjust iteration
Round up this value to give the no of pixels per iteration
= 4 pixels per iteration
Note: The device will automatically calculate this value.
Step 4:
Set the register CADUR for max number of iterations.
CADUR = 2
Theoretically there can be 7 coarse adjust iterations during the black pixel period. However, in most
cases 2 would be sufficient depending on the number of black pixels available to allow time for the
fine adjust loop.
3.
Fine Adjust Calibration
Step 1:
Enable Register FA_EN to allow for fine adjust calibration
Step 2:
The time available for fine adjustment is determined by the no. of remaining
black pixels after the coarse adjust has taken place.
BPIX_AVAIL – (CADUR* iteration duration)
50 – (2*4)
= 42 pixels
pixels
of
no
ratio
VSMP
MCLK
MCLKs
of
no
.
)
:
(
.
67
.
3
3
11
)
:
(
.
ratio
VSMP
MCLK
MCLKs
of
no



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com