Electronic Components Datasheet Search
  English  ▼

X  

WM8224 Datasheet(PDF) 26 Page - Cirrus Logic

Part # WM8224
Description  60MSPS 3-Channel AFE with Multiple Device Operation
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8224 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button WM8224 Datasheet HTML 22Page - Cirrus Logic WM8224 Datasheet HTML 23Page - Cirrus Logic WM8224 Datasheet HTML 24Page - Cirrus Logic WM8224 Datasheet HTML 25Page - Cirrus Logic WM8224 Datasheet HTML 26Page - Cirrus Logic WM8224 Datasheet HTML 27Page - Cirrus Logic WM8224 Datasheet HTML 28Page - Cirrus Logic WM8224 Datasheet HTML 29Page - Cirrus Logic WM8224 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
WM8224
Production Data
w
PD, Rev 4.2, September 2013
26
PROGRAMMABLE AUTOMATIC BLACK LEVEL CALIBRATION
The Programmable Automatic Black-Level Calibration (BLC) function is to adjust the D.C. offset of the
output data such that the digital output code for black pixels is calibrated to a target black level value.
The D.C. offset is determined during the optically-black pixels at the beginning of the linear sensor,
and removed during the image-pixels as shown in Figure 22.
Black Pixel Period
Image Pixel Period
Determine Black
Level Offset
Remove Black Level Offset
from Image Pixels
Figure 22 Linear Sensor Model
The automatic black level calibration operates assuming 12 bits ADC resolution. Adjustments to
calculations must be made for different ADC resolutions.
The black level calibration process occurs in two stages as shown in Figure 23 below:
Coarse Adjust Calibration: This is a mixed signal loop which removes the coarse offset by
adjusting the offset DAC.
Fine Adjust Calibration: This is a digital loop which removes the remaining offset with
better noise tolerance, utilising ADC over-range to improve the dynamic range of the
system.
TARGET BL
Input Black Level V1
Adjusted
ADC Output
PGA
ADC
Offset
DAC
Mixed
Signal
LOOP
Digits
Coarse Adjust
Calibration
Fine Adjust
Calibration
Digital
LOOP
Digits
Figure 23 BLC Top-Level Circuitry
TARGET CODES
The user must specify a target black level for each Red, Green and Blue channel through the
registers TARGETR, TARGETG and TARGETB. If, during the black-pixel period, the average ADC
output code was, for example, 100 and the user specified the target black level code to be 10, the
BLC circuitry would determine 90 codes should be subtracted from the ADC output. These 90 codes
will then be subtracted from every image-pixel code output from the ADC.
Note – changing the PGA gain affects the black-level through the device; the gain should therefore
not be changed during a BLC procedure. If the PGA gain changes, then the BLC routine should be
re-run.
The automatic black level calibration feature operates with the assumption of a 12bit ADC resolution.
The register settings for Target Codes (TARGETx[7:0]) should be set differently depending on the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com