Electronic Components Datasheet Search
  English  ▼

X  

WM8224 Datasheet(PDF) 19 Page - Cirrus Logic

Part # WM8224
Description  60MSPS 3-Channel AFE with Multiple Device Operation
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8224 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button WM8224 Datasheet HTML 15Page - Cirrus Logic WM8224 Datasheet HTML 16Page - Cirrus Logic WM8224 Datasheet HTML 17Page - Cirrus Logic WM8224 Datasheet HTML 18Page - Cirrus Logic WM8224 Datasheet HTML 19Page - Cirrus Logic WM8224 Datasheet HTML 20Page - Cirrus Logic WM8224 Datasheet HTML 21Page - Cirrus Logic WM8224 Datasheet HTML 22Page - Cirrus Logic WM8224 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
WM8224
Production Data
w
PD, Rev 4.2, September 2013
19
RESET LEVEL CLAMPING (RLC)
To ensure that the signal applied to the WM8224 lies within the supply voltage range (0V to AVDD)
the output signal from a CCD is usually level shifted by coupling through a capacitor, CIN. The RLC
circuit clamps the WM8224 side of this capacitor to a suitable voltage through a CMOS switch during
the CCD reset period (pixel clamping) or during the black pixels (line clamping). In order for clamping
to produce correct results the input voltage during the clamping must be a constant value.
Note that if the ac coupling capacitor (CIN) is used in non-CDS mode (CDS=0), then to minimise code
drift, line clamping should be used and internal input voltage buffers enabled using the FOL_EN
register bit. Alternatively, if the input signal contains a stable reference/reset level then pixel clamping
should be used, and the voltage buffers need not be enabled.
The WM8224 allows the user to control the RLC switch in a variety of ways as illustrated in Figure 13.
This figure shows a single channel, however all 3 channels are identical, each with its own clamp
switch controlled by the common CLMP signal.
The method of control chosen depends upon the characteristics of the input video. The RLCEN
register bit must be set to 1 to enable clamping, otherwise the RLC switch cannot be closed (by
default RLCEN=1).
Note that unused inputs should be left floating, or grounded through a decoupling capacitor, if reset
level clamping is used.
Figure 13 RLC Clamp Control Options
When an input waveform has a stable reference level on every pixel it may be desirable to clamp
every pixel during this period. Setting CLMPCTRL=0 means that the RLC switch is closed whenever
the RSMP input pin is high, as shown in Figure 14.
MCLK
VSMP
RSMP
RLC switch control
"CLMP"
(RLCEN=1,CLMPCTRL=0)
RLC switch closed
when RSMP=1
Video sample taken on
fallling edge of VSMP
Reset/reference sample taken
on fallling edge of RSMP
INPUT VIDEO
SIGNAL
reference
("black") level
video level
Figure 14 Reset Level Clamp Operation (CLMPCTRL=0), CDS operation shown, non-CDS also possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com