Electronic Components Datasheet Search
  English  ▼

X  

WM8224 Datasheet(PDF) 1 Page - Cirrus Logic

Part # WM8224
Description  60MSPS 3-Channel AFE with Multiple Device Operation
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8224 Datasheet(HTML) 1 Page - Cirrus Logic

  WM8224 Datasheet HTML 1Page - Cirrus Logic WM8224 Datasheet HTML 2Page - Cirrus Logic WM8224 Datasheet HTML 3Page - Cirrus Logic WM8224 Datasheet HTML 4Page - Cirrus Logic WM8224 Datasheet HTML 5Page - Cirrus Logic WM8224 Datasheet HTML 6Page - Cirrus Logic WM8224 Datasheet HTML 7Page - Cirrus Logic WM8224 Datasheet HTML 8Page - Cirrus Logic WM8224 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
w
WM8224
60MSPS 3-Channel AFE with Multiple Device Operation
and Programmable Automatic Black Level Calibration
WOLFSON MICROELECTRONICS plc
Production Data, September 2013, Rev 4.2
Copyright
2013 Wolfson Microelectronics plc.
DESCRIPTION
The WM8224 is an analogue front end/digitiser IC which
processes and digitises the analogue output signals from
CCD sensors or Contact Image Sensors (CIS) at pixel
sample rates of up to 60MSPS.
The device includes three analogue signal processing
channels each of which contains Reset Level Clamping,
Correlated Double Sampling and Programmable Gain and
Offset adjust functions. The output from each of these
channels is time multiplexed into a single high-speed 16-bit
Analogue to Digital Converter. The digital data is available in
a variety of output formats via the flexible data port.
An internal 4-bit DAC is supplied for internal reference level
generation. This may be used during CDS to reference CIS
signals or during Clamping to clamp CCD signals. An
external reference level may also be supplied. ADC
references are generated internally, ensuring optimum
performance from the device.
A programmable automatic Black-Level Calibration function
is available to adjust the DC offset of the output data. A
daisy chain feature allows multiple devices to operate
together using the same control interface and output data
bus.
FEATURES
12 or 16-bit ADC, 40MSPS conversion rate
8 or 10-bit ADC, 60MSPS conversion rate
Low power – 360 mW typical
3.3V single supply operation
3 channel operation
Daisy Chain feature for multiple device use
Correlated double sampling
Programmable gain (9-bit resolution)
Programmable offset adjust (8-bit resolution)
Flexible clamp timing
Programmable clamp voltage
Internally generated voltage references
Automatic Black Level Calibration
32-lead QFN package
Serial control interface
APPLICATIONS
Digital Copiers
USB2.0 compatible scanners
Multi-function peripherals
High-speed CCD/CIS sensor interface
BLOCK DIAGRAM
RINP
DATA
O/P
PORT
SEN
VSMP
MCLK
VRLC/VBIAS
SDI
SCK
TIMING CONTROL
CLMP
RLC
V
S
R
S
BINP
GINP
VRX
VRT
OEB
VRB
RLC
RLC
CDS
CDS
CDS
RLC
DAC
16-
BIT
ADC
AGND1
DGND
DVDD
OP[2]
OP[3]
OP[4]
OP[5]
OP[6]
OP[7]
OP[8]
AGND2
M
U
X
VREF/BIAS
+
PGA
I/P SIGNAL
POLARITY
ADJUST
PGA
OFFSET
DAC
PGA
OFFSET
DAC
+
+
+
+
+
I/P SIGNAL
POLARITY
ADJUST
I/P SIGNAL
POLARITY
ADJUST
AVDD
WM8224
RSMP
OP[9]
OFFSET
DAC
OP[0]
OP[1]
DSLCT
SERIAL
CONTROL
INTERFACE
BLACK LEVEL
CALIBRATION
+
OP[11]/SDO
OP[10]


Similar Part No. - WM8224

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8224 WOLFSON-WM8224 Datasheet
893Kb / 50P
60MSPS 3-Channel AFE with Multiple Device Operation and Programmable Automatic Black Level Calibration
WM8224CSEFL WOLFSON-WM8224CSEFL Datasheet
893Kb / 50P
60MSPS 3-Channel AFE with Multiple Device Operation and Programmable Automatic Black Level Calibration
WM8224CSEFL/R WOLFSON-WM8224CSEFL/R Datasheet
893Kb / 50P
60MSPS 3-Channel AFE with Multiple Device Operation and Programmable Automatic Black Level Calibration
More results

Similar Description - WM8224

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8215 WOLFSON-WM8215 Datasheet
620Kb / 31P
60MSPS 10-bit 3-Channel CCD Digitiser
WM8224 WOLFSON-WM8224 Datasheet
893Kb / 50P
60MSPS 3-Channel AFE with Multiple Device Operation and Programmable Automatic Black Level Calibration
WM8232 WOLFSON-WM8232 Datasheet
270Kb / 15P
70MSPS 3-Channel AFE with Sensor Timing Generation and LVDS/CMOS Data Output
logo
Alliance Semiconductor ...
AS4C32M16MS-7BCN ALSC-AS4C32M16MS-7BCN Datasheet
3Mb / 48P
Multiple Burst Read with Single Write Operation
logo
Cirrus Logic
WM8215 CIRRUS-WM8215 Datasheet
620Kb / 31P
60MSPS 10-bit 3-Channel CCD Digitiser
WM8232 CIRRUS-WM8232 Datasheet
3Mb / 141P
105MSPS 3-Channel AFE with Sensor
WM8233 CIRRUS-WM8233 Datasheet
3Mb / 146P
210MSPS 6-Channel AFE with Sensor
WM8234 CIRRUS-WM8234 Datasheet
3Mb / 144P
140MSPS 6-Channel AFE with Sensor
WM8235 CIRRUS-WM8235 Datasheet
3Mb / 154P
210MSPS 9-Channel AFE with Sensor
logo
Linear Technology
LT3669-2 LINER-LT3669-2 Datasheet
2Mb / 12P
IO-Link Device with Multiple Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com