Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 53 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 49Page - Cirrus Logic WM8310 Datasheet HTML 50Page - Cirrus Logic WM8310 Datasheet HTML 51Page - Cirrus Logic WM8310 Datasheet HTML 52Page - Cirrus Logic WM8310 Datasheet HTML 53Page - Cirrus Logic WM8310 Datasheet HTML 54Page - Cirrus Logic WM8310 Datasheet HTML 55Page - Cirrus Logic WM8310 Datasheet HTML 56Page - Cirrus Logic WM8310 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
53
13.3.1
FLL AUTO MODE
To simplify the configuration of the FLL, an ‘automatic’ mode is provided in order to synthesize a
number of commonly used reference frequencies using the 32.768kHz crystal oscillator as a
reference.
FLL Automatic mode is selected by setting the FLL_AUTO register bit as described in Table 21.
When FLL_AUTO is set, the FLL is automatically configured to select the 32.768kHz oscillator as the
FLL reference, and will generate the output frequency selected by FLL_AUTO_FREQ.
FLL Automatic mode should be selected while the FLL is disabled (FLL_ENA = 0). After Automatic
mode has been selected, the FLL can be enabled and disabled using FLL_ENA, as described in
Table 20.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16529 (4091h)
Clock Control 2
7
FLL_AUTO
1
FLL Automatic Mode Enable
0 = Manual configuration mode
1 = Automatic configuration mode
(To enable the FLL output,
FLL_ENA must also be set in
Automatic mode)
2:0
FLL_AUTO_F
REQ [2:0]
000
FLL Automatic Mode Frequency
select
000 = 2.048MHz
001 = 11.2896MHz
010 = 12MHz
011 = 12.288MHz
100 = 19.2MHz
101 = 22.5792MHz
110 = 24MHz
111 = 24.576MHz
Table 21 FLL Automatic Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com