Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 98 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 98 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 94Page - Cirrus Logic WM8310 Datasheet HTML 95Page - Cirrus Logic WM8310 Datasheet HTML 96Page - Cirrus Logic WM8310 Datasheet HTML 97Page - Cirrus Logic WM8310 Datasheet HTML 98Page - Cirrus Logic WM8310 Datasheet HTML 99Page - Cirrus Logic WM8310 Datasheet HTML 100Page - Cirrus Logic WM8310 Datasheet HTML 101Page - Cirrus Logic WM8310 Datasheet HTML 102Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
98
The LDOs 1-10 can also operate as current-limited switches, with no voltage regulation; this is useful
for ‘Hot Swap’ outputs, i.e. supply rails for external devices that are plugged in when the system is
already powered up - the current-limiting function prevents the in-rush current into the external device
from disturbing other system power supplies.
The input voltage to these LDOs is provided on pin LDO1VDD through to LDO10VDD respectively.
The LDO input supply pins are typically connected to the SYSVDD voltage node, or else can be
connected to the output pin of one of the DC-DC buck converters. Note that the internal supply pins
PVDD1 and PVDD2 should also be connected to SYSVDD.
LDO11 is a configurable LDO intended for ‘always-on’ functions external to the WM8310. The
WM8310 contains a further two non-configurable LDOs which support internal functions only.
The connections to LDO Regulator 1 are illustrated in Figure 22. The equivalent circuit applies to
LDO2 through to LDO10.
Figure 22 LDO Regulator Connections
An input and output capacitor are recommended for each LDO Regulator, as illustrated above.
See Section 30.5 for details of specific recommended external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com