Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 37 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 33Page - Cirrus Logic WM8310 Datasheet HTML 34Page - Cirrus Logic WM8310 Datasheet HTML 35Page - Cirrus Logic WM8310 Datasheet HTML 36Page - Cirrus Logic WM8310 Datasheet HTML 37Page - Cirrus Logic WM8310 Datasheet HTML 38Page - Cirrus Logic WM8310 Datasheet HTML 39Page - Cirrus Logic WM8310 Datasheet HTML 40Page - Cirrus Logic WM8310 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
37
Notes:
1.
An ON sequence is only permitted when the supply voltage SYSVDD exceeds a programmable threshold VSYSOK. See
Section 24.4 for details of SYSVDD voltage monitoring.
2.
Selected OFF events may be masked during Battery Charging using the CHG_OFF_MASK bit. This allows user-initiated OFF
events (Software OFF, ON pin request, GPIO OFF request) to be inhibited. See Section 17.7.2.
3.
These Reset conditions result in an OFF transition followed by an ON transition. These events are recorded as Reset events in
the ‘ON Source’ register.
4.
SLEEP transitions are not possible when any of the Battery Charger Interrupts is set. If any of the Battery Charger Interrupts is
asserted when a SLEEP transition is requested, then the transition will be unsuccessful and the WM8310 will remain in the ON
power state. See Section 17.7.8 for details of the Battery Charger Interrupts.
5.
SLEEP events are not recorded in the ‘OFF Source’ register.
11.4 POWER STATE INTERRUPTS
Power State transitions are associated with a number of Interrupt event flags. Transitions to
BACKUP, SLEEP, ON or OFF states are indicated by the Interrupt bits described in Table 4. Each of
these secondary interrupts triggers a primary Power State Interrupt, PS_INT (see Section 23). This
can be masked by setting the mask bit(s) as described in Table 4.
ADDRESS
BIT
LABEL
DESCRIPTION
R16402
(4012h)
Interrupt Status
2
2
PS_POR_EINT
Power On Reset interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
1
PS_SLEEP_OFF_EINT
SLEEP or OFF interrupt (Power state
transition to SLEEP or OFF states)
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
0
PS_ON_WAKE_EINT
ON or WAKE interrupt (Power state
transition to ON state)
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16410
(401Ah)
Interrupt Status
2 Mask
2
IM_PS_POR_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
1
IM_PS_SLEEP_OFF_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
0
IM_PS_ON_WAKE_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 4 Power State Interrupts
11.5 POWER STATE GPIO INDICATION
The WM8310 can be configured to generate logic signals via GPIO pins to indicate the current Power
State. See Section 21 for details of configuring GPIO pins.
A GPIO pin configured as “ON state” output will be asserted when the WM8310 is in the ON state.
A GPIO pin configured as “SLEEP state” output will be asserted when the WM8310 is in the SLEEP
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com