Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 87 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 87 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 83Page - Cirrus Logic WM8310 Datasheet HTML 84Page - Cirrus Logic WM8310 Datasheet HTML 85Page - Cirrus Logic WM8310 Datasheet HTML 86Page - Cirrus Logic WM8310 Datasheet HTML 87Page - Cirrus Logic WM8310 Datasheet HTML 88Page - Cirrus Logic WM8310 Datasheet HTML 89Page - Cirrus Logic WM8310 Datasheet HTML 90Page - Cirrus Logic WM8310 Datasheet HTML 91Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
87
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
LDO8 ON
Control
8
LDO8_ON_
MODE
0
Same as LDO7
4:0
LDO8_ON_V
SEL [4:0]
00000
Same as LDO7
R16511 (407Fh)
LDO8 SLEEP
Control
15:13
LDO8_SLP_
SLOT [2:0]
000
Same as LDO7
8
LDO8_SLP_
MODE
0
Same as LDO7
4:0
LDO8_SLP_
VSEL [4:0]
00000
Same as LDO7
R16512 (4080h)
LDO9 Control
15:14
LDO9_ERR_
ACT [1:0]
00
Same as LDO7
12:11
LDO9_HWC
_SRC [1:0]
00
Same as LDO7
10
LDO9_HWC
_VSEL
0
Same as LDO7
9:8
LDO9_HWC
_MODE
00
Same as LDO7
7
LDO9_FLT
0
Same as LDO7
6
LDO9_SWI
0
Same as LDO7
R16513 (4081h)
LDO9 ON
Control
15:13
LDO9_ON_S
LOT [2:0]
000
Same as LDO7
8
LDO9_ON_
MODE
0
Same as LDO7
4:0
LDO9_ON_V
SEL [4:0]
00000
Same as LDO7
R16514 (4082h)
LDO9 SLEEP
Control
15:13
LDO9_SLP_
SLOT [2:0]
000
Same as LDO7
8
LDO9_SLP_
MODE
0
Same as LDO7
4:0
LDO9_SLP_
VSEL [4:0]
00000
Same as LDO7
R16515 (4083h)
LDO10 Control
15:14
LDO10_ERR
_ACT [1:0]
00
Same as LDO7
12:11
LDO10_HW
C_SRC [1:0]
00
Same as LDO7
10
LDO10_HW
C_VSEL
0
Same as LDO7
9:8
LDO10_HW
C_MODE
00
Same as LDO7
7
LDO10_FLT
0
Same as LDO7
6
LDO10_SWI
0
Same as LDO7
R16516 (4084h)
LDO10 ON
Control
15:13
LDO10_ON_
SLOT [2:0]
000
Same as LDO7
8
LDO10_ON_
MODE
0
Same as LDO7
4:0
LDO10_ON_
VSEL [4:0]
00000
Same as LDO7
R16517 (4085h)
LDO10 SLEEP
Control
15:13
LDO10_SLP
_SLOT [2:0]
000
Same as LDO7
8
LDO10_SLP
_MODE
0
Same as LDO7
4:0
LDO10_SLP
_VSEL [4:0]
00000
Same as LDO7
Table 39 LDO Regulators 7-10 Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com