Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 82 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 82 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 78Page - Cirrus Logic WM8310 Datasheet HTML 79Page - Cirrus Logic WM8310 Datasheet HTML 80Page - Cirrus Logic WM8310 Datasheet HTML 81Page - Cirrus Logic WM8310 Datasheet HTML 82Page - Cirrus Logic WM8310 Datasheet HTML 83Page - Cirrus Logic WM8310 Datasheet HTML 84Page - Cirrus Logic WM8310 Datasheet HTML 85Page - Cirrus Logic WM8310 Datasheet HTML 86Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
82
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16489 (4069h)
LDO1 ON
Control
15:13
LDO1_ON_S
LOT [2:0]
000
LDO1 ON Slot select
000 = Do not enable
001 = Enable in Timeslot 1
010 = Enable in Timeslot 2
011 = Enable in Timeslot 3
100 = Enable in Timeslot 4
101 = Enable in Timeslot 5
110 = Controlled by Hardware Enable 1
111 = Controlled by Hardware Enable 2
8
LDO1_ON_
MODE
0
LDO1 ON Operating Mode
0 = Normal mode
1 = Low Power mode
4:0
LDO1_ON_V
SEL [4:0]
00000
LDO1 ON Voltage select
0.9V to 1.6V in 50mV steps
1.7V to 3.3V in 100mV steps
00h = 0.90V
01h = 0.95V
…
0Eh = 1.60V
0Fh = 1.70V
…
1Eh = 3.20V
1Fh = 3.30V
R16490 (406Ah)
LDO1 SLEEP
Control
15:13
LDO1_SLP_
SLOT [2:0]
000
LDO1 SLEEP Slot select
000 = SLEEP voltage / operating mode
transition in Timeslot 5
001 = Disable in Timeslot 5
010 = Disable in Timeslot 4
011 = Disable in Timeslot 3
100 = Disable in Timeslot 2
101 = Disable in Timeslot 1
110 = SLEEP voltage / operating mode
transition in Timeslot 3
111 = SLEEP voltage / operating mode
transition in Timeslot 1
If LDO1 is assigned to a Hardware
Enable Input, then codes 001-101 select
in which timeslot the regulator enters its
SLEEP condition.
8
LDO1_SLP_
MODE
0
LDO1 SLEEP Operating Mode
0 = Normal mode
1 = Low Power mode
4:0
LDO1_SLP_
VSEL [4:0]
00000
LDO1 SLEEP Voltage select
0.9V to 1.6V in 50mV steps
1.7V to 3.3V in 100mV steps
00h = 0.90V
01h = 0.95V
…
0Eh = 1.60V
0Fh = 1.70V
…
1Eh = 3.20V
1Fh = 3.30V
R16491 (406Bh)
15:14
LDO2_ERR_
ACT [1:0]
00
Same as LDO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com