Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 64 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 64 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 60Page - Cirrus Logic WM8310 Datasheet HTML 61Page - Cirrus Logic WM8310 Datasheet HTML 62Page - Cirrus Logic WM8310 Datasheet HTML 63Page - Cirrus Logic WM8310 Datasheet HTML 64Page - Cirrus Logic WM8310 Datasheet HTML 65Page - Cirrus Logic WM8310 Datasheet HTML 66Page - Cirrus Logic WM8310 Datasheet HTML 67Page - Cirrus Logic WM8310 Datasheet HTML 68Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
64
has been loaded from the ICE, and the OTP auto-programming option is selected (see above), then
the value of the OTP_CUST_FINAL bit will be copied from the ICE memory to the OTP memory.
The above registers are defined in Table 29.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R30736 (7810h)
Customer OTP
ID
15
OTP_AUTO_
PROG
0
If this bit is set when bootstrap data is
loaded from ICE (in development mode),
then the ICE contents will be
programmed in the OTP.
14:1
OTP_CUST_
ID [13:0]
0000h
This field is checked when an ‘ON’
transition is requested. A non-zero value
is used to confirm valid data.
0
OTP_CUST_
FINAL
0
If OTP_CUST_FINAL is set in the OTP
and also set in the DCRW, then no
further Writes are possible to the OTP.
Table 29 OTP Registers - DCRW Page 2
The remaining contents of DCRW Page 2 include the registers listed in Table 30, which are defined in
other sections of this datasheet.
REGISTER
FUNCTION
REFERENCE
DC1_ON_SLOT [2:0]
DC-DC Converter 1
See Section 15.12.2
DC1_FREQ [1:0]
See Section 15.12.2
DC1_PHASE
See Section 15.12.2
DC1_ON_VSEL [6:2]
See Section 15.12.2
DC1_CAP [1:0]
See Section 15.12.2
DC2_ON_SLOT [2:0]
DC-DC Converter 2
See Section 15.12.2
DC2_FREQ [1:0]
See Section 15.12.2
DC2_PHASE
See Section 15.12.2
DC2_ON_VSEL [6:2]
See Section 15.12.2
DC2_CAP [1:0]
See Section 15.12.2
DC3_ON_SLOT [2:0]
DC-DC Converter 3
See Section 15.12.2
DC3_PHASE
See Section 15.12.2
DC3_ON_VSEL [6:2]
See Section 15.12.2
DC3_CAP [1:0]
See Section 15.12.2
LDO1_ON_SLOT [2:0]
LDO Regulator 1
See Section 15.12.4
LDO1_ON_VSEL [4:0]
See Section 15.12.4
LDO2_ON_SLOT [2:0]
LDO Regulator 2
See Section 15.12.4
LDO2_ON_VSEL [4:0]
See Section 15.12.4
LDO3_ON_SLOT [2:0]
LDO Regulator 3
See Section 15.12.4
LDO3_ON_VSEL [4:0]
See Section 15.12.4
LDO4_ON_SLOT [2:0]
LDO Regulator 4
See Section 15.12.4
LDO4_ON_VSEL [4:0]
See Section 15.12.4
LDO5_ON_SLOT [2:0]
LDO Regulator 5
See Section 15.12.4
LDO5_ON_VSEL [4:0]
See Section 15.12.4
LDO6_ON_SLOT [2:0]
LDO Regulator 6
See Section 15.12.4
LDO6_ON_VSEL [4:0]
See Section 15.12.4
LDO7_ON_SLOT [2:0]
LDO Regulator 7
See Section 15.12.4
LDO7_ON_VSEL [4:0]
See Section 15.12.4
LDO8_ON_SLOT [2:0]
LDO Regulator 8
See Section 15.12.4
LDO8_ON_VSEL [4:0]
See Section 15.12.4
Table 30 DCRW Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com