Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 1 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 1 Page - Cirrus Logic

  WM8310 Datasheet HTML 1Page - Cirrus Logic WM8310 Datasheet HTML 2Page - Cirrus Logic WM8310 Datasheet HTML 3Page - Cirrus Logic WM8310 Datasheet HTML 4Page - Cirrus Logic WM8310 Datasheet HTML 5Page - Cirrus Logic WM8310 Datasheet HTML 6Page - Cirrus Logic WM8310 Datasheet HTML 7Page - Cirrus Logic WM8310 Datasheet HTML 8Page - Cirrus Logic WM8310 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 291 page
background image
w
WM8310
Processor Power Management Subsystem
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Pre-Production, May 2012, Rev 3.1
Copyright
2012 Wolfson Microelectronics plc
DESCRIPTION
The WM8310 is an integrated power-management subsystem
which provides a cost-effective, flexible, single-chip solution for
power management. It is specifically targeted at the
requirements of a range of low-power portable consumer
products, but is suitable to any application with a multimedia
processor. The WM8310 is designed to operate as a system
PMIC supporting a variety of industry-standard processors and
accessories in a wide range of consumer multimedia
applications.
The start-up behaviour and configuration is fully programmable
in an integrated OTP non-volatile memory. This highly flexible
solution helps reduce time-to-market, as changing application
requirements can be very easily accommodated in the OTP.
The InstantConfig™ interface enables an external EEPROM to
configure the WM8310.
The WM8310 power management subsystem comprises of
four programmable DC-DC converters, eleven LDO regulators
(four of which are low-noise for supplying sensitive analogue
subsystems). The integrated OTP bootstrap circuitry controls
the start-up sequencing and voltages of the converters and
regulators as well as the sequencing of system clocks.
WM8310 can be powered from a battery, a wall adaptor or
from a USB power source. An on-chip regulator provides
power for always-on PMIC functions such as register map and
the RTC. The device provides autonomous backup battery
switchover. A low-power LDO is included to support ‘Alive’
processor power domains external to the WM8310.
A linear on-chip battery charger supports trickle charging and
constant current / constant voltage charging of single-cell
lithium-ion / lithium-polymer batteries. The charge current,
termination voltage, and charger time-out are programmable.
WM8310 detects and handles battery fault conditions with a
minimum of system software involvement.
A 12-bit Auxiliary ADC supports a wide range of applications
for internal as well as external analogue sampling, such as
voltage detection and temperature measurement.
WM8310 includes a crystal oscillator, an internal RC oscillator
and Frequency Locked Loop (FLL) to generate clock signals
for autonomous system start-up and processor clocking. A
Secure Real-time Clock (S-RTC) and alarm function is
included, capable of system wake-up from low-power modes.
A watchdog function is provided to ensure system integrity.
To maximise battery life, highly-granular power management
enables each function in the WM8310 subsystem to be
independently powered down through a control interface or
alternatively through register and OTP-configurable GPIOs.
The device offers a standby power consumption of <10uA,
making it particularly suitable for portable applications.
The WM8310 is supplied in a 7x7mm 169-ball BGA package,
ideal for use in portable systems. The WM8310 forms part of
the Wolfson series of audio and power management solutions.
FEATURES
Power Management
2 x DC-DC synchronous buck converters
(0.6V - 1.8V, 1.2A, DVS)
1 x DC-DC synchronous buck converter (0.85V - 3.4V, 1A)
1 x DC-DC boost converter (up to 30V, up to 90mA)
1 x LDO regulator (0.9V - 3.3V, 300mA, 1
)
2 x LDO regulators (0.9V - 3.3V, 200mA, 1
)
3 x LDO regulators (0.9V - 3.3V, 100mA, 2
)
2 x Low-noise LDO regulators (1.0V - 3.5V, 200mA, 1
)
2 x Low-noise LDO regulators (1.0V - 3.5V, 150mA, 2
)
1 x ‘Alive’ LDO regulator (0.8V – 1.55V, up to 25mA)
Backlight LED Current Sinks
2 x programmable constant current sinks, suitable for
multi-LED display backlight control
Battery Charger
Programmable single-cell lithium-ion / lithium-polymer
battery charger (1A max charge current)
Battery monitoring for temperature and voltage
Autonomous backup battery charging and switching
System Control
I
2C or SPI compatible primary control interface
Interrupt based feedback communication scheme
Watchdog timer and system reset control
Autonomous power sequencing and fault detection
Intelligent power path and power source selection
OTP memory bootstrap configuration function
Additional Features
Auxiliary ADC for multi-function analogue measurement
128-bit pseudo-random unique ID
Secure Real-Time Clock with wake-up alarm
12 x configurable multi-function (GPIO) pins
Comprehensive clocking scheme: low-power 32kHz RTC
crystal oscillator, Frequency Locked Loop, GPIO clock
output and 4MHz RC clock for power management
System LED outputs indicating power state, battery
charger or fault status
Selectable USB current limiting up to 1.8A (in accordance
with USB Battery Charging specification Rev 1.1)
Package Options
7x7mm, 169-ball BGA package, 0.5mm ball pitch
APPLICATIONS
Portable Media Players
Portable Navigation Devices
Cellular Handsets
Electronic Books
Electronic Gaming Devices


Similar Part No. - WM8310

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8310 WOLFSON-WM8310 Datasheet
1Mb / 291P
Processor Power Management Subsystem
WM8310CGEB/RV WOLFSON-WM8310CGEB/RV Datasheet
1Mb / 291P
Processor Power Management Subsystem
WM8310CGEB/V WOLFSON-WM8310CGEB/V Datasheet
1Mb / 291P
Processor Power Management Subsystem
WM8310CGEBxxx/RV WOLFSON-WM8310CGEBxxx/RV Datasheet
1Mb / 291P
Processor Power Management Subsystem
More results

Similar Description - WM8310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD80C TI-TLC320AD80C Datasheet
219Kb / 36P
Audio Processor Subsystem
logo
Wolfson Microelectronic...
WM8310 WOLFSON-WM8310 Datasheet
1Mb / 291P
Processor Power Management Subsystem
WM8311 WOLFSON-WM8311 Datasheet
1Mb / 302P
Processor Power Management Subsystem
WM8321 WOLFSON-WM8321 Datasheet
1Mb / 253P
Processor Power Management Subsystem
WM8325 WOLFSON-WM8325 Datasheet
1Mb / 254P
Processor Power Management Subsystem
WM8326 WOLFSON-WM8326 Datasheet
1Mb / 255P
Processor Power Management Subsystem
logo
Texas Instruments
TLC320AD80 TI1-TLC320AD80 Datasheet
235Kb / 37P
Audio Processor Subsystem
logo
Cirrus Logic
WM8321 CIRRUS-WM8321 Datasheet
1Mb / 253P
Processor Power Management Subsystem
WM8325 CIRRUS-WM8325 Datasheet
1Mb / 254P
Processor Power Management Subsystem
WM8326 CIRRUS-WM8326 Datasheet
1Mb / 255P
Processor Power Management Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com