Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 69 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 69 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 65Page - Cirrus Logic WM8310 Datasheet HTML 66Page - Cirrus Logic WM8310 Datasheet HTML 67Page - Cirrus Logic WM8310 Datasheet HTML 68Page - Cirrus Logic WM8310 Datasheet HTML 69Page - Cirrus Logic WM8310 Datasheet HTML 70Page - Cirrus Logic WM8310 Datasheet HTML 71Page - Cirrus Logic WM8310 Datasheet HTML 72Page - Cirrus Logic WM8310 Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
69
15.4 OPERATING MODE CONTROL
15.4.1
DC-DC SYNCHRONOUS BUCK CONVERTERS
The DC-DC (Buck) Converters DC-DC1, DC-DC2 and DC-DC3 can be configured to operate in four
different operating modes. The operating modes are summarised in Table 33. For more detailed
information on the DC-DC (Buck) Converter operating modes, see Section 15.15.2.
DC-DC CONVERTER
OPERATING MODE
DESCRIPTION
Forced Continuous Conduction
Mode (FCCM)
High performance mode for all static and transient load
conditions.
Auto Mode: Continuous /
Discontinuous Conduction with
Pulse-Skipping Mode (CCM/DCM
with PS)
High efficiency mode for all static and transient load
conditions. Performance may be less than FCCM mode for
heavy load transients.
Hysteretic Mode
High efficiency mode for light static and light transient loads
only. Maximum load current is restricted; output voltage ripple
is increased.
LDO Mode
Power saving mode for light loads only. High efficiency for
ultra light loads. Low current soft-start control.
Table 33 DC-DC Synchronous Buck Converters Operating Modes
The operating mode of the DC-DC Converters in the ON power state is selected using the
DCm_ON_MODE register fields. The operating mode of the DC-DC Converters in the SLEEP power
state is selected using the DCm_SLP_MODE register fields.
When changing the operating mode of the DC-DC Converters in preparation for an increased load, a
set-up time of 100
s should be allowed for the operating mode to be established before applying the
new load.
Note that the operating mode of the DC-DC Converters may also be controlled by the Hardware
Control inputs. The Hardware Control inputs are alternate functions supported via GPIO. See
Section 15.9 for details of Hardware Control.
Note that, for minimum DC-DC3 quiescent current in LDO mode, the converter must first be enabled
in FCCM, CCM/DCM with PS or Hysteretic mode, before LDO mode is selected.
15.4.2
DC-DC BOOST CONVERTERS
The DC-DC4 Boost Converter is enabled by setting the DC4_ENA bit as described in Section 15.2.
Note that this Converter cannot be enabled automatically under timeslot control in the ON transition.
However, the Converter can either be disabled or unchanged in the SLEEP transition, as determined
by DC4_SLPENA.
The Boost Converter is intended to be used as a power supply for either of the Current Sinks, ISINK1
or ISINK2 (see Section 16). The Boost Converter must be configured for the applicable Current Sink
using the DC4_FBSRC bit.
When the DC-DC4 Boost Converter is enabled, its output voltage is regulated in such a way that the
selected ISINK voltage (at ISINK1 or ISINK2) is 0.5V. Output voltages of up to 30V can be generated
in order to support the current that has been selected for the ISINK. The required voltage range must
be set using the DC4_RANGE field in order to ensure stable operation.
If the Boost Converter is used to provide a supply for both ISINKs simultaneously, then the
DC4_RANGE and DC4_FBSRC bits should be set according to whichever of the ISINKs requires the
higher supply voltage.
15.4.3
LDO REGULATORS
The LDO Regulators LDO1 - LDO10 can be configured to operate in Normal operating mode or in
Low Power mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com