Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 65 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 65 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 61Page - Cirrus Logic WM8310 Datasheet HTML 62Page - Cirrus Logic WM8310 Datasheet HTML 63Page - Cirrus Logic WM8310 Datasheet HTML 64Page - Cirrus Logic WM8310 Datasheet HTML 65Page - Cirrus Logic WM8310 Datasheet HTML 66Page - Cirrus Logic WM8310 Datasheet HTML 67Page - Cirrus Logic WM8310 Datasheet HTML 68Page - Cirrus Logic WM8310 Datasheet HTML 69Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
65
14.6.4
DCRW PAGE 3
Page 3 of the DCRW occupies register addresses R30744 (7818h) to R30751 (781Fh). This contains
user-programmable data.
This page of data is normally loaded from OTP when ‘ON’ state transition is scheduled (except in
Development Mode or if RECONFIG_AT_ON = 0). This page of data can also be loaded from OTP
using the OTP_READ command; it can be written to the OTP using the OTP_WRITE command.
This page of data is loaded from the second page of ICE memory (10h to 1Fh) when ‘ON’ state
transition is scheduled in Development Mode (if RECONFIG_AT_ON = 1). This page of data can also
be loaded from ICE using the ICE Read command. Note that ICE Address 10h corresponds to bits
15:8 at the start address of DCRW Page 3; ICE Address 11h corresponds to bits 7:0 at the same
DCRW address.
The contents of DCRW Page 3 include the registers listed in Table 31.
REGISTER
FUNCTION
REFERENCE
LDO9_ON_SLOT [2:0]
LDO Regulator 9
See Section 15.12.4
LDO9_ON_VSEL [4:0]
See Section 15.12.4
LDO10_ON_SLOT [2:0]
LDO Regulator 10
See Section 15.12.4
LDO10_ON_VSEL [4:0]
See Section 15.12.4
LDO11_ON_SLOT [2:0]
LDO Regulator 11
See Section 15.12.4
LDO11_ON_VSEL [3:0]
See Section 15.12.4
EPE1_ON_SLOT [2:0]
External Power Converter
Enable
See Section 15.12.5
EPE2_ON_SLOT [2:0]
See Section 15.12.5
GP1_DIR
GPIO1
See Section 21.3
GP1_PULL [1:0]
See Section 21.3
GP1_INT_MODE
See Section 21.3
GP1_PWR_DOM
See Section 21.3
GP1_POL
See Section 21.3
GP1_OD
See Section 21.3
GP1_ENA
See Section 21.3
GP1_FN [3:0]
See Section 21.3
GP2_DIR
GPIO2
See Section 21.3
GP2_PULL [1:0]
See Section 21.3
GP2_INT_MODE
See Section 21.3
GP2_PWR_DOM
See Section 21.3
GP2_POL
See Section 21.3
GP2_OD
See Section 21.3
GP2_ENA
See Section 21.3
GP2_FN [3:0]
See Section 21.3
GP3_DIR
GPIO3
See Section 21.3
GP3_PULL [1:0]
See Section 21.3
GP3_INT_MODE
See Section 21.3
GP3_PWR_DOM
See Section 21.3
GP3_POL
See Section 21.3
GP3_OD
See Section 21.3
GP3_ENA
See Section 21.3
GP3_FN [3:0]
See Section 21.3
GP4_DIR
GPIO4
See Section 21.3
GP4_PULL [1:0]
See Section 21.3
GP4_INT_MODE
See Section 21.3
GP4_PWR_DOM
See Section 21.3
GP4_POL
See Section 21.3
GP4_OD
See Section 21.3
GP4_ENA
See Section 21.3
GP4_FN [3:0]
See Section 21.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com