Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 10 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 6Page - Cirrus Logic WM8310 Datasheet HTML 7Page - Cirrus Logic WM8310 Datasheet HTML 8Page - Cirrus Logic WM8310 Datasheet HTML 9Page - Cirrus Logic WM8310 Datasheet HTML 10Page - Cirrus Logic WM8310 Datasheet HTML 11Page - Cirrus Logic WM8310 Datasheet HTML 12Page - Cirrus Logic WM8310 Datasheet HTML 13Page - Cirrus Logic WM8310 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
10
PIN
NAME
TYPE
POWER
DOMAIN
DESCRIPTION
Processor Interface and IC Control
N11
ON
¯¯¯
Digital Input
VPMIC
ON Request Pin
(Internal pull-up)
D11
RESET
¯¯¯¯¯¯
Digital I/O
DBVDD
System Reset Input and Open Drain Output.
(Internal pull-up)
C13
IRQ
¯¯¯
Digital Output
DBVDD
PMIC Interrupt Flag Output.
Configurable Open Drain / CMOS mode.
(Internal pull-up in Open Drain mode.)
J3
CIFMODE
Digital Input
DBVDD
Primary Control Interface Mode Select:
0 = I
2C Compatible Control Interface Mode
1 = SPI Compatible Control Interface Mode
SPI Compatible Control
Interface Mode
I
2C Compatible Control
Interface Mode
D5
SDOUT1
Digital Output
DBVDD
Control Interface Serial
Data Out.
Open Drain output;
external 4.7kΩ pull-up
recommended.
No Function
D8
SCLK1
Digital Input
Control Interface Serial
Clock
Control Interface Serial
Clock
D7
SDA1
Digital I/O
Control Interface Serial
Data In
Control Interface Serial
Data Input and Open
Drain Output.
External 4.7kΩ pull-up
recommended.
(Output can extend above
DBVDD domain.)
D10
CS
¯¯
Digital Input
Control Interface Chip
Select
I
2C Address Select:
0 = 68h
1 = 6Ch
M9
SCLK2
Digital I/O
VPMIC
Control Interface Serial Clock for external
InstantConfig™ EEPROM (ICE)
(Internal pull-down)
H8
SDA2
Digital I/O
Control Interface Serial Data to/from external
InstantConfig™ EEPROM (ICE
(Internal pull-down)
D9, E9
DBVDD1
Supply
Digital Buffer Supply
N3
DBVDD2
Supply
Digital Buffer Supply
J12
DBVDD3
Supply
Digital Buffer Supply
H13, K3,
L3, M4
DBGND
Supply
Digital Buffer Ground
OTP Memory
D4
PROGVDD
Supply
High-voltage input for OTP programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com