Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 119 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 119 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 115Page - Cirrus Logic WM8310 Datasheet HTML 116Page - Cirrus Logic WM8310 Datasheet HTML 117Page - Cirrus Logic WM8310 Datasheet HTML 118Page - Cirrus Logic WM8310 Datasheet HTML 119Page - Cirrus Logic WM8310 Datasheet HTML 120Page - Cirrus Logic WM8310 Datasheet HTML 121Page - Cirrus Logic WM8310 Datasheet HTML 122Page - Cirrus Logic WM8310 Datasheet HTML 123Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
119
ADDRESS
BIT
LABEL
DESCRIPTION
1 = Mask interrupt.
Default value is 1 (masked)
12
IM_CHG_OV_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
11
IM_CHG_END_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
10
IM_CHG_TO_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
9
IM_CHG_MODE_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
8
IM_CHG_START_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 63 Battery Charger Interrupts
17.7.9
BATTERY CHARGER STATUS
The status of the Battery Charger can be read from various registers and interrupts noted in the
above sections. The Battery Charger status can also be read from the CHG_STATE register field, as
defined in Table 64.
Note that the LED Status outputs can also be configured to indicate the Battery Charger - see
Section 22.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16458
(404Ah)
Charger Status
14:12
CHG_STATE
[2:0]
000
Battery Charger state
000 = Off
001 = Trickle Charge
010 = Fast Charge
011 = Trickle Charge overtemperature
100 = Fast Charge overtemperature
101 = Defective
110 = Reserved
111 = Reserved
Table 64 Battery Charger State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com