Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 161 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 161 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 157Page - Cirrus Logic WM8310 Datasheet HTML 158Page - Cirrus Logic WM8310 Datasheet HTML 159Page - Cirrus Logic WM8310 Datasheet HTML 160Page - Cirrus Logic WM8310 Datasheet HTML 161Page - Cirrus Logic WM8310 Datasheet HTML 162Page - Cirrus Logic WM8310 Datasheet HTML 163Page - Cirrus Logic WM8310 Datasheet HTML 164Page - Cirrus Logic WM8310 Datasheet HTML 165Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
161
27 VOLTAGE AND CURRENT REFERENCES
27.1 VOLTAGE REFERENCE (VREF)
The main voltage reference generated by the WM8310 is bonded to the VREFC pin. The accuracy of
this reference is optimised by factory-set trim registers.
The voltage reference (VREF) requires an external decoupling capacitor; a 100nF X5R capacitor is
recommended for typical applications, as noted in Section 30.2. If USB100MA_STARTUP=1X (see
Section 17.4), then a 50nF capacitor should be used. Omitting this capacitor will result in increased
noise on the voltage reference; this will particularly affect the analogue LDOs.
The VREFC capacitor should be grounded to the REFGND pin.
The voltage reference circuit includes a low-power mode, which enables power consumption to be
minimised where appropriate. The low-power reference mode may lead to increased noise on the
voltage reference; this mode should only be selected when minimum power consumption is more
important than voltage stability. Note that the Low Power Reference mode is not supported when the
Auxiliary ADC function is enabled.
The Low Power Reference mode is enabled when REF_LP register is set. The Low Power Reference
mode should only be enabled when the Auxiliary ADC is disabled. Enabling the Low Power Reference
mode will lead to a malfunction of the Auxiliary ADC function.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16387
(4003h)
12
REF_LP
0
Low Power Voltage Reference Control
0 = Normal
1 = Low Power Reference Mode select
Note that Low Power Reference Mode is
only supported when the Auxiliary ADC is
disabled.
Table 106 Low Power Voltage Reference Control
27.2 CURRENT REFERENCE (IREF)
The Power Management circuits of the WM8310 use an integrated current reference.
This current reference (IREF) requires the connection of an external resistor to the IREFR pin; a
100k
 (1%) resistor is recommended, as noted in Section 30.2. The WM8310 will malfunction if this
resistor is omitted.
The IREFR resistor should be grounded to the REFGND pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com