Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 212 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 212 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 208Page - Cirrus Logic WM8310 Datasheet HTML 209Page - Cirrus Logic WM8310 Datasheet HTML 210Page - Cirrus Logic WM8310 Datasheet HTML 211Page - Cirrus Logic WM8310 Datasheet HTML 212Page - Cirrus Logic WM8310 Datasheet HTML 213Page - Cirrus Logic WM8310 Datasheet HTML 214Page - Cirrus Logic WM8310 Datasheet HTML 215Page - Cirrus Logic WM8310 Datasheet HTML 216Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
212
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
confirm that charging has started.
Protected by security key.
12:10
CHG_ITERM
[2:0]
000
Battery End of Charge current threshold
000 = 20mA
001 = 30mA
010 = 40mA
011 = 50mA
100 = 60mA
101 = 70mA
110 = 80mA
111 = 90mA
Protected by security key.
5
CHG_FAST
0
Battery Fast Charge Enable
0 = Disable
1 = Enable
Protected by security key.
1
CHG_IMON_E
NA
0
Enable battery charge current monitor at AUXADCIN1.
0 = Disabled
1 = Enabled
(Note - a resistor is required between AUXADCIN1 and
GND in order to measure the charge current using the
AUXADC. The recommended resistor value is 10k.)
Protected by security key.
0
CHG_CHIP_TE
MP_MON
1
Battery Charger Thermal warning select
0 = Thermal Warning is ignored
1 = Thermal Warning pauses Battery Charger
Protected by security key.
Register 4048h Charger Control 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16457
(4049h)
Charger
Control 2
14
CHG_OFF_MS
K
0
Battery Charger OFF mask select
0 = OFF requests not masked
1 = OFF requests masked during Charging
Protected by security key.
11:8
CHG_TIME
[3:0]
0110
Battery charger timeout
0000 = 60min
0001 = 90min
0010 = 120min
0011 = 150min
0100 = 180min
0101 = 210min
0110 = 240min
0111 = 270min
1000 = 300min
1001 = 330min
1010 = 360min
1011 = 390min
1100 = 420min
1101 = 450min
1110 = 480min
1111 = 510min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com