Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 217 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 217 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 213Page - Cirrus Logic WM8310 Datasheet HTML 214Page - Cirrus Logic WM8310 Datasheet HTML 215Page - Cirrus Logic WM8310 Datasheet HTML 216Page - Cirrus Logic WM8310 Datasheet HTML 217Page - Cirrus Logic WM8310 Datasheet HTML 218Page - Cirrus Logic WM8310 Datasheet HTML 219Page - Cirrus Logic WM8310 Datasheet HTML 220Page - Cirrus Logic WM8310 Datasheet HTML 221Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
217
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
11:10
CS2_OFF_RA
MP [1:0]
01
ISINK2 Switch-Off ramp
00 = instant (no ramp)
01 = 1 step every 4ms (220ms)
10 = 1 step every 8ms (440ms)
11 = 1 step every 16ms (880ms)
The time quoted in brackets is valid for the maximum
change in current drive setting. The actual time scales
according to the extent of the change in current drive
setting.
9:8
CS2_ON_RAM
P [1:0]
01
ISINK2 Switch-On ramp
00 = instant (no ramp)
01 = 1 step every 4ms (220ms)
10 = 1 step every 8ms (440ms)
11 = 1 step every 16ms (880ms)
The time quoted in brackets is valid for the maximum
change in current drive setting. The actual time scales
according to the extent of the change in current drive
setting.
5:0
CS2_ISEL [5:0]
00_0000
ISINK2 current.
Current = 2.0µA × 2^(CS2_ISEL/4), where CS2_ISEL is
an unsigned binary number.
Alternatively,
CS2_ISEL = 13.29 x LOG(current/2.0µA)
00_0000 = 2.0µA
11_0111 = 27.6mA
Values greater than 11_0111 will result in the maximum
current of approx 27.6mA.
Register 404Fh Current Sink 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16464
(4050h)
DCDC
Enable
7
EPE2_ENA
0
EPE2 Enable request
0 = Disabled
1 = Enabled
(Note that the actual status is indicated in EPE2_STS)
6
EPE1_ENA
0
EPE1 Enable request
0 = Disabled
1 = Enabled
(Note that the actual status is indicated in EPE1_STS)
3
DC4_ENA
0
DC-DC4 Enable request
0 = Disabled
1 = Enabled
(Note that the actual status is indicated in DC4_STS)
2
DC3_ENA
0
DC-DC3 Enable request
0 = Disabled
1 = Enabled
(Note that the actual status is indicated in DC3_STS)
1
DC2_ENA
0
DC-DC2 Enable request
0 = Disabled
1 = Enabled
(Note that the actual status is indicated in DC2_STS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com