Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 227 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 227 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 223Page - Cirrus Logic WM8310 Datasheet HTML 224Page - Cirrus Logic WM8310 Datasheet HTML 225Page - Cirrus Logic WM8310 Datasheet HTML 226Page - Cirrus Logic WM8310 Datasheet HTML 227Page - Cirrus Logic WM8310 Datasheet HTML 228Page - Cirrus Logic WM8310 Datasheet HTML 229Page - Cirrus Logic WM8310 Datasheet HTML 230Page - Cirrus Logic WM8310 Datasheet HTML 231Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
227
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16478
(405Eh)
DC2 SLEEP
Control
15:13
DC2_SLP_SLO
T [2:0]
000
DC-DC2 SLEEP Slot select
000 = SLEEP voltage / operating mode transition in
Timeslot 5
001 = Disable in Timeslot 5
010 = Disable in Timeslot 4
011 = Disable in Timeslot 3
100 = Disable in Timeslot 2
101 = Disable in Timeslot 1
110 = SLEEP voltage / operating mode transition in
Timeslot 3
111 = SLEEP voltage / operating mode transition in
Timeslot 1
If DC-DC2 is assigned to a Hardware Enable Input,
then codes 001-101 select in which timeslot the
converter enters its SLEEP condition.
9:8
DC2_SLP_MO
DE [1:0]
11
DC-DC2 SLEEP Operating Mode
00 = Forced Continuous Conduction Mode
01 = Auto Mode (Continuous / Discontinuous
Conduction with Pulse-Skipping)
10 = LDO Mode
11 = Hysteretic Mode
6:0
DC2_SLP_VSE
L [6:0]
000_0000 DC-DC2 SLEEP Voltage select
0.6V to 1.8V in 12.5mV steps
00h to 08h = 0.6V
09h = 0.6125V
…
48h = 1.4V (see note)
…
67h = 1.7875V
68h to 7Fh = 1.8V
Note - Maximum output voltage selection in 4MHz
switching mode is 48h (1.4V).
Register 405Eh DC2 SLEEP Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16479
(405Fh)
DC2 DVS
Control
12:11
DC2_DVS_SR
C [1:0]
00
DC-DC2 DVS Control Source
00 = Disabled
01 = Enabled
10 = Controlled by Hardware DVS1
11 = Controlled by Hardware DVS2
6:0
DC2_DVS_VS
EL [6:0]
000_0000 DC-DC2 DVS Voltage select
0.6V to 1.8V in 12.5mV steps
00h to 08h = 0.6V
09h = 0.6125V
…
48h = 1.4V (see note)
…
67h = 1.7875V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com