Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 267 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 267 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 263Page - Cirrus Logic WM8310 Datasheet HTML 264Page - Cirrus Logic WM8310 Datasheet HTML 265Page - Cirrus Logic WM8310 Datasheet HTML 266Page - Cirrus Logic WM8310 Datasheet HTML 267Page - Cirrus Logic WM8310 Datasheet HTML 268Page - Cirrus Logic WM8310 Datasheet HTML 269Page - Cirrus Logic WM8310 Datasheet HTML 270Page - Cirrus Logic WM8310 Datasheet HTML 271Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
267
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30745
(7819h)
LDO11/EPE
Control
15:13
LDO11_ON_SL
OT [2:0]
000
LDO11 ON Slot select
000 = Do not enable
001 = Enable in Timeslot 1
010 = Enable in Timeslot 2
011 = Enable in Timeslot 3
100 = Enable in Timeslot 4
101 = Enable in Timeslot 5
110 = Controlled by Hardware Enable 1
111 = Controlled by Hardware Enable 2
11:8
LDO11_ON_V
SEL [3:0]
0000
LDO11 ON Voltage select
0.80V to 1.55V in 50mV steps
0h = 0.80V
1h = 0.85V
2h = 0.90V
…
Eh = 1.50V
Fh = 1.55V
7:5
EPE2_ON_SL
OT [2:0]
000
EPE2 ON Slot select
000 = Do not enable
001 = Enable in Timeslot 1
010 = Enable in Timeslot 2
011 = Enable in Timeslot 3
100 = Enable in Timeslot 4
101 = Enable in Timeslot 5
110 = Controlled by Hardware Enable 1
111 = Controlled by Hardware Enable 2
4:2
EPE1_ON_SL
OT [2:0]
000
EPE1 ON Slot select
000 = Do not enable
001 = Enable in Timeslot 1
010 = Enable in Timeslot 2
011 = Enable in Timeslot 3
100 = Enable in Timeslot 4
101 = Enable in Timeslot 5
110 = Controlled by Hardware Enable 1
111 = Controlled by Hardware Enable 2
1:0
USB100MA_S
TARTUP [1:0]
00
Sets the device behaviour when starting up under USB
power, when USB_ILIM = 010b (100mA)
00 = Normal
01 = Soft-Start
10 = Only start if BATTVDD > 3.1V
11 = Only start if BATTVDD > 3.4V
In the 1X modes, if the battery voltage is less than the
selected threshold, then the device will enable trickle
charge mode instead of executing the start-up request.
The start-up request is delayed until the battery voltage
threshold has been met.
Register 7819h LDO11/EPE Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com