Electronic Components Datasheet Search
  English  ▼

X  

CD10.241 Datasheet(PDF) 11 Page - PULS GmbH

Part # CD10.241
Description  DC/DC Converter 24V/24V, 10A, 240W
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD10.241 Datasheet(HTML) 11 Page - PULS GmbH

Back Button CD10.241 Datasheet HTML 7Page - PULS GmbH CD10.241 Datasheet HTML 8Page - PULS GmbH CD10.241 Datasheet HTML 9Page - PULS GmbH CD10.241 Datasheet HTML 10Page - PULS GmbH CD10.241 Datasheet HTML 11Page - PULS GmbH CD10.241 Datasheet HTML 12Page - PULS GmbH CD10.241 Datasheet HTML 13Page - PULS GmbH CD10.241 Datasheet HTML 14Page - PULS GmbH CD10.241 Datasheet HTML 15Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
CD10.241
CD-Series
DC/DC Converter 24V/24V, 10A, 240W
11. LIFETIME EXPECTANCY
The Lifetime expectancy shown in the table indicates the minimum operating hours (service life) and is determined by
the lifetime expectancy of the built-in electrolytic capacitors. Lifetime expectancy is specified in operational hours and
is calculated according to the capacitor’s manufacturer specification. The manufacturer of the electrolytic capacitors
only guarantees a maximum life of up to 15 years (131 400h). Any number exceeding this value is a calculated
theoretical lifetime which can be used to compare devices.
Input 24Vdc
Lifetime expectancy
299 000h
at 24V, 5A and 40°C
103 000h
at 24V, 10A and 40°C
56 000h
at 24V, 12A and 40°C
844 000h
at 24V, 5A and 25°C
292 000h
at 24V, 10A and 25°C
159 000h
at 24V, 12A and 25°C
12. MTBF
MTBF stands for Mean Time Between Failure, which is calculated according to statistical device failures, and indicates
reliability of a device. It is the statistical representation of the likelihood of a unit to fail and does not necessarily
represent the life of a product.
The MTBF figure is a statistical representation of the likelihood of a device to fail. A MTBF figure of e.g. 1 000 000h
means that statistically one unit will fail every 100 hours if 10 000 units are installed in the field. However, it can not
be determined if the failed unit has been running for 50 000h or only for 100h.
For these types of units the MTTF (Mean Time To Failure) value is the same value as the MTBF value.
Input 24Vdc
MTBF SN 29500, IEC 61709
731 000h
at 24V, 10A and 40°C
1 321 000h
at 24V, 10A and 25°C
MTBF MIL HDBK 217F
358 000h
at 10A and 40°C; Ground Benign GB40
556 000h
at 10A and 25°C; Ground Benign GB25
731 000h
at 10A and 40°C; Ground Fixed GF40
142 000h
at 10A and 25°C; Ground Fixed GF25
Jul. 2017 / Rev. 1.1 DS-CD10.241-EN
All parameters are typical values at 24V, 10A, 24Vdc input voltage, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
11/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com