Electronic Components Datasheet Search
  English  ▼

X  

CD10.241 Datasheet(PDF) 14 Page - PULS GmbH

Part # CD10.241
Description  DC/DC Converter 24V/24V, 10A, 240W
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD10.241 Datasheet(HTML) 14 Page - PULS GmbH

Back Button CD10.241 Datasheet HTML 10Page - PULS GmbH CD10.241 Datasheet HTML 11Page - PULS GmbH CD10.241 Datasheet HTML 12Page - PULS GmbH CD10.241 Datasheet HTML 13Page - PULS GmbH CD10.241 Datasheet HTML 14Page - PULS GmbH CD10.241 Datasheet HTML 15Page - PULS GmbH CD10.241 Datasheet HTML 16Page - PULS GmbH CD10.241 Datasheet HTML 17Page - PULS GmbH CD10.241 Datasheet HTML 18Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
CD10.241
CD-Series
DC/DC Converter 24V/24V, 10A, 240W
15. PROTECTION FEATURES
Output protection
Electronically protected against overload, no-load and short-circuits.
In case of a protection event, audible noise may occur.
Output over-voltage protection
typ. 31Vdc
max. 32.5Vdc
In case of an internal power supply defect, a redundant
circuit limits the maximum output voltage. The output
shuts down and automatically attempts to restart.
Reverse input polarity protection Included
Unit does not start when input voltage is reversed
Output over-current protection
Electronically limited
See Fig. 5-1
Degree of protection
IP 20
According to EN/IEC 60529
Penetration protection
> 3.5mm
E.g. screws, small parts
Over-temperature protection
no
-
Input transient protection
MOV
(Metal Oxide Varistor)
For protection values see chapter 13 (EMC)
Internal input fuse
Included
Not user replaceable slow-blow high-braking capacity
fuse
16. SAFETY FEATURES
Classification of output voltage
SELV 1)
According to IEC/EN 60950-1
PELV 1)
According to IEC/EN 60204-1, IEC 62477-1, IEC 60364-4-
41
Class of protection
III
PE (Protective Earth) connection not required.
A connection of the “Chassis Ground” pin to earth is
recommended for best EMI performance.
Isolation resistance
> 500MOhm
Input to output, 500Vdc
PE resistance
< 0.1Ohm
Between housing and Chassis Ground terminal
Touch current (leakage current)
The leakage current, which is produced by the DC/DC converter itself, depends on
the input voltage ripple and need to be investigated in the final application.
For a smooth DC input voltage, the produced leakage current is less than 100μA.
1)
Provided, that the input voltage meets the requirements of chapter 2.
Jul. 2017 / Rev. 1.1 DS-CD10.241-EN
All parameters are typical values at 24V, 10A, 24Vdc input voltage, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
14/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com