Electronic Components Datasheet Search
  English  ▼

X  

CD10.241 Datasheet(PDF) 5 Page - PULS GmbH

Part # CD10.241
Description  DC/DC Converter 24V/24V, 10A, 240W
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD10.241 Datasheet(HTML) 5 Page - PULS GmbH

  CD10.241 Datasheet HTML 1Page - PULS GmbH CD10.241 Datasheet HTML 2Page - PULS GmbH CD10.241 Datasheet HTML 3Page - PULS GmbH CD10.241 Datasheet HTML 4Page - PULS GmbH CD10.241 Datasheet HTML 5Page - PULS GmbH CD10.241 Datasheet HTML 6Page - PULS GmbH CD10.241 Datasheet HTML 7Page - PULS GmbH CD10.241 Datasheet HTML 8Page - PULS GmbH CD10.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
CD10.241
CD-Series
DC/DC Converter 24V/24V, 10A, 240W
4. INPUT INRUSH CURRENT AND SOFT-START BEHAVIOR
Inrush current limitation
An active inrush limitation circuit (inrush limiting NTC resistor which is bypassed by a MOSFET) limits the input inrush
current after turn-on of the input voltage.
The charging current into EMI suppression capacitors is disregarded in the first microseconds after switch-on.
Inrush current
typ.
6Apeak
+25°C, cold start, input: 24Vdc
typ.
22Apeak
+60°C, cold start, input: 24Vdc
Inrush energy
typ.
negligible
-25°C to +70°C, input: 24Vdc
Fig. 4-1 Input inrush current, typical behavior
Input Current
Input Voltage
Output Voltage
Ipk 6A
Input:
24Vdc
Output:
24V, 10A, constant current load
Ambient:
25°C
Input current
2A / DIV
Input voltage
5V / DIV
Output voltage 5V / DIV
Time basis:
100ms / DIV
Soft-start function:
After the DC/DC converter is turned on, the internal output current rises slowly to its nominal value. This method
charges the output capacitors (internal and external capacitors) slowly and avoids high input currents during turn-on.
High input currents can produce a high voltage drop on the input wiring (especially with long and thin cables) which
reduces the terminal voltage on the DC/DC converter. If the terminal voltage is below the shut-down voltage, the
DC/DC converter will turn-off and will make a new start-up attempt. This effect is avoided with the integrated soft-
start function. Please note, that this function increases the rise time of the output voltage by a small amount.
Jul. 2017 / Rev. 1.1 DS-CD10.241-EN
All parameters are typical values at 24V, 10A, 24Vdc input voltage, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
5/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com