Electronic Components Datasheet Search
  English  ▼

X  

CD10.241 Datasheet(PDF) 4 Page - PULS GmbH

Part # CD10.241
Description  DC/DC Converter 24V/24V, 10A, 240W
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD10.241 Datasheet(HTML) 4 Page - PULS GmbH

  CD10.241 Datasheet HTML 1Page - PULS GmbH CD10.241 Datasheet HTML 2Page - PULS GmbH CD10.241 Datasheet HTML 3Page - PULS GmbH CD10.241 Datasheet HTML 4Page - PULS GmbH CD10.241 Datasheet HTML 5Page - PULS GmbH CD10.241 Datasheet HTML 6Page - PULS GmbH CD10.241 Datasheet HTML 7Page - PULS GmbH CD10.241 Datasheet HTML 8Page - PULS GmbH CD10.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
CD10.241
CD-Series
DC/DC Converter 24V/24V, 10A, 240W
3. INPUT VOLTAGE
Input voltage
nom.
DC 24V
-25%/+46%
Input voltage range
18.0-35.0Vdc
full specified
max.
36.0Vdc
absolute maximum continuous input voltage with no
damage to the DC/DC converter
Allowed voltage between input
and earth
max.
60Vdc or
42.2Vac
in case the output voltage is not grounded.
Allowed input ripple voltage
max.
5Vpp
47Hz-500Hz, the momentary input voltage must always
be within the specified limits.
Turn-on voltage
typ.
17.5Vdc
steady-state value, see Fig. 3-1
Shut-down voltage
typ.
15.5Vdc
steady-state value, see Fig. 3-1
Input current
typ.
10.5A
at 24Vdc input and output 24V, 10A, see Fig. 3-3
14,3A
at 18Vdc input and output 24V, 10A, see Fig. 3-3
Start-up delay
typ.
200ms
see Fig. 3-1
Rise time
typ.
200ms
0mF, 24V, constant current load 10A, see Fig. 3-2
typ.
200ms
10mF, 24V, constant current load 10A, see Fig. 3-2
Turn-on overshoot
max.
250mV
see Fig. 3-2
Input capacitance
typ.
4 300μF
external capacitors on the input voltage bus are allowed
without any limitations.
Fig. 3-1 Input voltage range
Fig. 3-2 Turn-on behavior, definitions
V
IN
P
OUT
Rated input range
Start-up
Rise
delay
Time
- 5%
Output
Voltage
Input
Voltage
Fig. 3-3 Input current vs. output load
12A
2
34
6
8
0
4
8
12
16A
10
Output Current
5
7
9
11
Inp
ut:
24V
dc
Input
Current,
typ.
Inp
ut:
18
Vd
c
Jul. 2017 / Rev. 1.1 DS-CD10.241-EN
All parameters are typical values at 24V, 10A, 24Vdc input voltage, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
4/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com