Electronic Components Datasheet Search
  English  ▼

X  

CD10.241 Datasheet(PDF) 23 Page - PULS GmbH

Part # CD10.241
Description  DC/DC Converter 24V/24V, 10A, 240W
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD10.241 Datasheet(HTML) 23 Page - PULS GmbH

Back Button CD10.241 Datasheet HTML 17Page - PULS GmbH CD10.241 Datasheet HTML 18Page - PULS GmbH CD10.241 Datasheet HTML 19Page - PULS GmbH CD10.241 Datasheet HTML 20Page - PULS GmbH CD10.241 Datasheet HTML 21Page - PULS GmbH CD10.241 Datasheet HTML 22Page - PULS GmbH CD10.241 Datasheet HTML 23Page - PULS GmbH CD10.241 Datasheet HTML 24Page - PULS GmbH CD10.241 Datasheet HTML 25Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
CD10.241
CD-Series
DC/DC Converter 24V/24V, 10A, 240W
22.8. PARALLEL USE TO INCREASE OUTPUT POWER
23/25
e
tput current of one DC/DC-converter.
The DC/DC-converter can be paralleled to increase the output power. There are
no feature included which balances the load current between the DC/DC-
converters. Therefore some restrictions and limitations apply. The DC/DC-
converter with the higher adjusted output voltage draws current until it goes
into current limitation. This means no harm or switch-off to this DC/DC-converter
as long as the ambient temperature stays below 45°C.
The output voltages of all DC/DC-converters shall be adjusted to the same value
(±100mV) at full load. A fuse or diode on the output of each unit is only required
if more than three units are connected in parallel. This avoid that more than 2
times of the nominal output current can flow backwards into the DC/DC
converter in case the output stage of the DC/DC converter has a defect. If a fuse (or circuit breaker) is used, choose on
with approximately 150% of the rated ou
Unit A
Input
Output
Unit B
-
+
-
+
+
-
Input
Output
Load
Keep an installation clearance of 15mm (left / right) between two DC/DC-converters and avoid installing the DC/DC-
converters on top of each other. Do not use DC/DC-converters in parallel in mounting orientations other than the
standard mounting orientation (input terminals on the bottom and output terminals on top of the unit).
22.9. PARALLEL USE FOR REDUNDANCY
The DC/DC converters can be paralleled for 1+1 redundancy
to gain higher system availability. Redundant systems require
a certain amount of extra power to support the load in case
one DC/DC converter fails. The simplest way is to connect two
DC/DC converters in parallel. This is called a 1+1 redundancy.
In case one DC/DC converter fails, the other one is
automatically able to support the load current without any
interruption. Redundant systems for a higher power demand
are usually built in an N+1 method. E.g. five DC/DC
converters, each rated for 10A are paralleled to build a 40A
redundant system.
Furthermore, 1+1 redundant systems can be built by using a
DC/DC converter powered from a battery and a power supply
with AC input.
Please note: This simple way to build a redundant system
does not cover failures such as an internal short circuit in the secondary side of the DC/DC-converter. In such a case, the
defect unit becomes a load for the other DC/DC-converters and the output voltage can not be maintained any more.
This can only be avoided by utilizing the redundancy module YR20.246, which utilized MOSFETs as decoupling devices.
Failure
Monitor
24V,10A
Load
I
I
+ +
- -
CD10.241
DC/DC
Converter
24-28V
DC-OK
Output
Input
+
-
+ +
- -
CD10.241
DC/DC
Converter
24-28V
DC-OK
Output
Input
+
-
YR20.246
Redundancy Module
Output
In1
+
-
+
-
+
-
In2
Load Share
OK
Redundancy
OK
+
-
Functional Earth
Recommendations for building redundant power systems:
a)
Use separate input fuses for each DC/DC-converter.
b)
Monitor the “Redundancy OK” relay contact of the YR20.246. This feature reports a faulty DC/DC converter or
problems with the redundancy modules.
c)
1+1 Redundancy is allowed up to an ambient temperature of 60°C
N+1 Redundancy is allowed up to an ambient temperature of 45°C
d)
It is desirable to set the output voltages of all units to the same value (± 100mV) or leave it at the factory setting.
Use the load share feature LEDs of the redundancy module to adjust the output voltages of the DC/DC coverters if
necessary.
Jul. 2017 / Rev. 1.1 DS-CD10.241-EN
All parameters are typical values at 24V, 10A, 24Vdc input voltage, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com