Electronic Components Datasheet Search
  English  ▼

X  

CD10.241 Datasheet(PDF) 12 Page - PULS GmbH

Part # CD10.241
Description  DC/DC Converter 24V/24V, 10A, 240W
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD10.241 Datasheet(HTML) 12 Page - PULS GmbH

Back Button CD10.241 Datasheet HTML 8Page - PULS GmbH CD10.241 Datasheet HTML 9Page - PULS GmbH CD10.241 Datasheet HTML 10Page - PULS GmbH CD10.241 Datasheet HTML 11Page - PULS GmbH CD10.241 Datasheet HTML 12Page - PULS GmbH CD10.241 Datasheet HTML 13Page - PULS GmbH CD10.241 Datasheet HTML 14Page - PULS GmbH CD10.241 Datasheet HTML 15Page - PULS GmbH CD10.241 Datasheet HTML 16Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
CD10.241
CD-Series
DC/DC Converter 24V/24V, 10A, 240W
13. EMC
The DC/DC converter is suitable for applications in industrial environment as well as in residential, commercial and
light industry environments.
EMC Immunity
Generic standards: EN 61000-6-1 and EN 61000-6-2
Electrostatic discharge
EN 61000-4-2
Contact discharge
Air discharge
8kV
15kV
Criterion A
Criterion A
Electromagnetic RF field
EN 61000-4-3
80MHz-2.7GHz
10V/m
Criterion A
Fast transients (Burst)
EN 61000-4-4
Input lines
Output lines
4kV
2kV
Criterion A
Criterion A
Surge voltage on input
EN 61000-4-5
+
-
1kV
Criterion A
+/-
chassis ground
2kV
Criterion A
Surge voltage on output
EN 61000-4-5
+
-
+ / -
chassis ground
500V
1kV
Criterion A
Criterion A
Conducted disturbance
EN 61000-4-6
0.15-80MHz
10V
Criterion A
Criterions:
A:
DC/DC converter shows normal operation behavior within the defined limits.
C:
Temporary loss of function is possible. DC/DC converter may shut-down and restarts by itself. No damage or hazards for the DC/DC
converter will occur.
EMC Emission
Generic standards: EN 61000-6-3 and EN 61000-6-4
Conducted emission
IEC/CISPR 16-1-2, IEC/CISPR 16-2-1
Class B, input lines
(Limits for DC power ports)
Radiated emission
EN 55011, EN 55022
Class B
This device complies with FCC Part 15 rules.
Operation is subjected to following two conditions: (1) this device may not cause harmful interference, and (2) this
device must accept any interference received, including interference that may cause undesired operation.
Switching frequency
Variable between 50kHz and 300kHz depending on load and input voltage
Jul. 2017 / Rev. 1.1 DS-CD10.241-EN
All parameters are typical values at 24V, 10A, 24Vdc input voltage, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
12/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com