Electronic Components Datasheet Search
  English  ▼

X  

CD10.241 Datasheet(PDF) 22 Page - PULS GmbH

Part # CD10.241
Description  DC/DC Converter 24V/24V, 10A, 240W
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD10.241 Datasheet(HTML) 22 Page - PULS GmbH

Back Button CD10.241 Datasheet HTML 17Page - PULS GmbH CD10.241 Datasheet HTML 18Page - PULS GmbH CD10.241 Datasheet HTML 19Page - PULS GmbH CD10.241 Datasheet HTML 20Page - PULS GmbH CD10.241 Datasheet HTML 21Page - PULS GmbH CD10.241 Datasheet HTML 22Page - PULS GmbH CD10.241 Datasheet HTML 23Page - PULS GmbH CD10.241 Datasheet HTML 24Page - PULS GmbH CD10.241 Datasheet HTML 25Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
CD10.241
CD-Series
DC/DC Converter 24V/24V, 10A, 240W
22.6. REQUIREMENTS FOR THE SUPPLYING SOURCE
In certain circumstances, the input filter of the DC/DC converter can show a resonant effect which is caused by the
supplying network. Especially when additional external input filters are utilized, a superimposed AC voltage can be
generated on the input terminals of the DC/DC converter which might cause a malfunction of the unit. Therefore,
additional input filters are not recommended. To avoid the resonant effects, the minimal resistance of the supplying
network which depends on the inductance of the input network, shall be above the boundary curve in Fig. 22-3.
Fig. 22-3 External input filter requirements to
avoid filter instabilities
1 mOhm
10 mOhm
100 mOhm
1 Ohm
0.1mH
1mH
10mH
Inductance of the supplying network
Resistance of the
supplying network
(a) max.
(b) typ.
(a)
(b)
22.7. SERIES OPERATION
22/25
DC/DC converters of the exact same type can be connected in series for higher
output voltages. It is possible to connect as many units in series as needed,
providing the sum of the output voltage does not exceed 150Vdc. Voltages with
a potential above 60Vdc are not SELV any more and can be dangerous. Such
voltages must be installed with a protection against touching. Earthing of the
output is required when the sum of the output voltage is above 60Vdc.
Avoid return voltage (e.g. from a decelerating motor or battery) which is applied
to the output terminals.
Keep an installation clearance of 15mm (left / right) between two DC/DC-
converters and avoid installing the DC/DC-converters on top of each other. Do not use DC/DC-converters in series in
mounting orientations other than the standard mounting orientation (input terminals on the bottom and output
terminals on top of the unit).
Unit A
Input
Output
Unit B
-
+
-
+
+
-
Input
Output
Load
Jul. 2017 / Rev. 1.1 DS-CD10.241-EN
All parameters are typical values at 24V, 10A, 24Vdc input voltage, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com