Electronic Components Datasheet Search
  English  ▼

X  

CD10.241 Datasheet(PDF) 7 Page - PULS GmbH

Part # CD10.241
Description  DC/DC Converter 24V/24V, 10A, 240W
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD10.241 Datasheet(HTML) 7 Page - PULS GmbH

Back Button CD10.241 Datasheet HTML 3Page - PULS GmbH CD10.241 Datasheet HTML 4Page - PULS GmbH CD10.241 Datasheet HTML 5Page - PULS GmbH CD10.241 Datasheet HTML 6Page - PULS GmbH CD10.241 Datasheet HTML 7Page - PULS GmbH CD10.241 Datasheet HTML 8Page - PULS GmbH CD10.241 Datasheet HTML 9Page - PULS GmbH CD10.241 Datasheet HTML 10Page - PULS GmbH CD10.241 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
CD10.241
CD-Series
DC/DC Converter 24V/24V, 10A, 240W
6. HOLD-UP TIME
The input side of the DC/DC converter is equipped with a bulk capacitor which keeps the output voltage alive for a
certain period of time when the input voltage dips or is removed. The bulk capacitor can be discharged by loading the
DC/DC converter on the output side or through a load which is parallel to the input. There is no protection in the
DC/DC converter which prevents current from flowing back to the input terminals. If prevention is needed, an external
diode should be used.
Hold-up Time
typ.
8ms
at 24Vdc input and 24Vdc, 5A output, see Fig. 6-1
typ.
4ms
at 24Vdc input and 24Vdc, 10A output, see Fig. 6-1
Fig. 6-1 Hold-up time vs. input voltage
0
2
4
6
8ms
18
20
22
24
28Vdc
Input Voltage
Hold-up Time
(a) 24V, 5A, typ.
(b) 24V, 5A, min.
(c) 24V, 10A, typ.
(d) 24V, 10A, min.
26
(a)
(b)
(c)
(d)
Fig. 6-2 Shut-down test setup
Fig. 6-3 Shut-down behavior, definitions
7/25
Load
+
-
DC/DC
Converter
DC
Source
+
-
Input
Output
+
-
CD10
S1
- 5%
Hold-up Time
Output
Voltage
Intput
Voltage
S1 opens
Note: At no load, the hold-up time can be up to several seconds. The green DC-ok lamp is also on during this time.
Jul. 2017 / Rev. 1.1 DS-CD10.241-EN
All parameters are typical values at 24V, 10A, 24Vdc input voltage, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com