Electronic Components Datasheet Search
  English  ▼

X  

CD10.241 Datasheet(PDF) 8 Page - PULS GmbH

Part # CD10.241
Description  DC/DC Converter 24V/24V, 10A, 240W
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD10.241 Datasheet(HTML) 8 Page - PULS GmbH

Back Button CD10.241 Datasheet HTML 4Page - PULS GmbH CD10.241 Datasheet HTML 5Page - PULS GmbH CD10.241 Datasheet HTML 6Page - PULS GmbH CD10.241 Datasheet HTML 7Page - PULS GmbH CD10.241 Datasheet HTML 8Page - PULS GmbH CD10.241 Datasheet HTML 9Page - PULS GmbH CD10.241 Datasheet HTML 10Page - PULS GmbH CD10.241 Datasheet HTML 11Page - PULS GmbH CD10.241 Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
CD10.241
CD-Series
DC/DC Converter 24V/24V, 10A, 240W
7. EFFICIENCY AND POWER LOSSES
Input 24Vdc
Efficiency
typ.
94.2%
at 24V, 10A
typ.
93.7%
at 24V, 12A (Power Boost)
Average efficiency*)
typ.
94.3%
25% at 2.5A, 25% at 5A,
25% at 7.5A. 25% at 10A
Power losses
typ.
1.75W
at no output load
typ.
6.8W
at 24V, 5A
typ.
14.7W
at 24V, 10A
typ.
19.5W
at 24V, 12A
*)
The average efficiency is an assumption for a typical application where the power supply is loaded with 25% of the nominal load for 25%
of the time, 50% of the nominal load for another 25% of the time, 75% of the nominal load for another 25% of the time and with 100%
of the nominal load for the rest of the time.
Fig. 7-1
Efficiency vs. output current at 24V
output and 24Vdc input voltage, typ.
Fig. 7-2
Losses vs. output current at 24V
output and 24Vdc input voltage, typ.
Efficiency
8/25
2
90
92
94
89
95%
12A
48
10
Output Current
6
91
93
Power Losses
0
2
4
8
10
12A
0
3
9
15
18W
6
6
12
Output Current
Fig. 7-3
Efficiency vs. input voltage at 24V,
10A, typ.
Fig. 7-4
Losses vs. input voltage at 24V, 10A,
typ.
Efficiency
18
20
22
26
28
32Vdc
95%
92.5
93.5
94.5
94.0
93.0
92.0
24
30
Input Voltage
Power Losses
13
14
15
16
17
18
19W
18
20
24
26
28
32Vdc
30
Input Voltage
22
Jul. 2017 / Rev. 1.1 DS-CD10.241-EN
All parameters are typical values at 24V, 10A, 24Vdc input voltage, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com