Electronic Components Datasheet Search
  English  ▼

X  

CD10.241 Datasheet(PDF) 25 Page - PULS GmbH

Part # CD10.241
Description  DC/DC Converter 24V/24V, 10A, 240W
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD10.241 Datasheet(HTML) 25 Page - PULS GmbH

Back Button CD10.241 Datasheet HTML 17Page - PULS GmbH CD10.241 Datasheet HTML 18Page - PULS GmbH CD10.241 Datasheet HTML 19Page - PULS GmbH CD10.241 Datasheet HTML 20Page - PULS GmbH CD10.241 Datasheet HTML 21Page - PULS GmbH CD10.241 Datasheet HTML 22Page - PULS GmbH CD10.241 Datasheet HTML 23Page - PULS GmbH CD10.241 Datasheet HTML 24Page - PULS GmbH CD10.241 Datasheet HTML 25Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
CD10.241
CD-Series
DC/DC Converter 24V/24V, 10A, 240W
Jul. 2017 / Rev. 1.1 DS-CD10.241-EN
All parameters are typical values at 24V, 10A, 24Vdc input voltage, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
22.11.MOUNTING ORIENTATIONS
Mounting orientations other than input terminals on the bottom and output on the top require a reduction in
continuous output power or a limitation in the max. allowed ambient temperature. The amount of reduction
influences the lifetime expectancy of the DC/DC converter. Therefore, two different derating curves for continuous
operation can be found below:
Curve A1
Recommended output current.
Curve A2
Max allowed output current (results in approximately half the lifetime expectancy of A1).
Fig. 22-4
Mounting
Orientation A
(Standard
orientation)
DC/DC
Converter
OUTPUT
INPUT
Output Current
0
10
20
30
40
60°C
4
6
10
12A
50
A1
Ambient Temperature
8
2
Fig. 22-5
Mounting
Orientation B
(Upside down)
Output Current
0
10
20
30
40
60°C
4
6
10
12A
50
Ambient Temperature
8
2
A2
A1
Fig. 22-6
Mounting
Orientation C
(Table-top
mounting)
Output Current
0
10
20
30
40
60°C
4
6
10
12A
50
Ambient Temperature
8
2
A1
A2
Fig. 22-7
Mounting
Orientation D
(Horizontal cw)
Output Current
0
10
20
30
40
60°C
4
6
10
12A
50
Ambient Temperature
8
2
A1
A2
Fig. 22-8
Mounting
Orientation E
(Horizontal ccw)
Output Current
0
10
20
30
40
60°C
4
6
10
12A
50
Ambient Temperature
8
2
A1
A2
25/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com