Electronic Components Datasheet Search
  English  ▼

X  

CD10.241 Datasheet(PDF) 16 Page - PULS GmbH

Part # CD10.241
Description  DC/DC Converter 24V/24V, 10A, 240W
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD10.241 Datasheet(HTML) 16 Page - PULS GmbH

Back Button CD10.241 Datasheet HTML 12Page - PULS GmbH CD10.241 Datasheet HTML 13Page - PULS GmbH CD10.241 Datasheet HTML 14Page - PULS GmbH CD10.241 Datasheet HTML 15Page - PULS GmbH CD10.241 Datasheet HTML 16Page - PULS GmbH CD10.241 Datasheet HTML 17Page - PULS GmbH CD10.241 Datasheet HTML 18Page - PULS GmbH CD10.241 Datasheet HTML 19Page - PULS GmbH CD10.241 Datasheet HTML 20Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
CD10.241
CD-Series
DC/DC Converter 24V/24V, 10A, 240W
18. APPROVALS
EC Declaration of Conformity
The CE mark indicates conformance with the
- EMC directive and the
- ATEX directive (planned).
IEC 60950-1
2nd Edition
planned
CB Scheme,
Information Technology Equipment
UL 508
planned
IND. CONT. EQ.
LISTED for use as Industrial Control Equipment;
U.S.A. (UL 508) and Canada (C22.2 No. 107-1-01);
E-File: E198865
UL 60950-1
planned
RECOGNIZED for the use as Information Technology
Equipment, Level 3; U.S.A. (UL 60950-1) and Canada (C22.2
No. 60950-1); E-File: E137006
EN 60079-0, EN 60079-7
ATEX
planned
II 3G Ex ec II T4 Gc
Approval for use in hazardous locations Zone 2 Category 3G.
The device must be built-in in an IP54 enclosure.
IEC 60079-0, IEC 60079-7
planned
IECEx
Suitable for use in Class 1 Zone 2 Groups IIa, IIb and IIc
locations. Number of IECEx certificate: T.B.D.
ANSI / ISA 12.12.01-2007
Class I Div 2
planned
Recognized for use in Hazardous Location Class I Div 2 T4
Groups A,B,C,D systems; U.S.A. (ANSI / ISA 12.12.01) and
Canada (C22.2 No. 213-M1987)
Marine
planned
GL (Germanischer Lloyd) classified
Environmental category: C, EMC2
Marine and offshore applications
EAC TR Registration
Registration for the Eurasian Customs Union market
(Russia, Kazakhstan, Belarus)
19. ROHS, REACH AND OTHER FULFILLED STANDARDS
RoHS Directive
Directive 2011/65/EU of the European Parliament and the
Council of June 8th, 2011 on the restriction of the use of
certain hazardous substances in electrical and electronic
equipment.
REACH Directive
Directive 1907/2006/EU of the European Parliament and the
Council of June 1st, 2007 regarding the Registration,
Evaluation, Authorisation and Restriction of Chemicals
(REACH)
IEC/EN 61558-2-16
(Annex BB)
Safety Isolating
Transformer
Safety Isolating Transformers corresponding to Part 2-6 of the
IEC/EN 61558
Jul. 2017 / Rev. 1.1 DS-CD10.241-EN
All parameters are typical values at 24V, 10A, 24Vdc input voltage, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
16/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com