Electronic Components Datasheet Search
  English  ▼

X  

CD10.241 Datasheet(PDF) 6 Page - PULS GmbH

Part # CD10.241
Description  DC/DC Converter 24V/24V, 10A, 240W
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD10.241 Datasheet(HTML) 6 Page - PULS GmbH

Back Button CD10.241 Datasheet HTML 2Page - PULS GmbH CD10.241 Datasheet HTML 3Page - PULS GmbH CD10.241 Datasheet HTML 4Page - PULS GmbH CD10.241 Datasheet HTML 5Page - PULS GmbH CD10.241 Datasheet HTML 6Page - PULS GmbH CD10.241 Datasheet HTML 7Page - PULS GmbH CD10.241 Datasheet HTML 8Page - PULS GmbH CD10.241 Datasheet HTML 9Page - PULS GmbH CD10.241 Datasheet HTML 10Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
CD10.241
CD-Series
DC/DC Converter 24V/24V, 10A, 240W
5. OUTPUT
Output voltage
nom.
24V
Adjustment range
min.
24-28V
*)
max.
30V
at clockwise end position of potentiometer
Factory setting
24.1V
±0.2%, at full load, cold unit
Line regulation
max.
25mV
Input voltage variations between 18 to 35Vdc
Load regulation
max.
100mV
static value, 0A
10A
Ripple and noise voltage
max.
50mVpp
20Hz to 20MHz, 50Ohm
Output capacitance
typ.
4 500μF
Output current
nom.
12A
at 24V, ambient < +45°C, see Fig. 5-1
nom.
10A
at 24V, ambient < +60°C, see Fig. 5-1
nom.
7.5A
at 24V, ambient at +70°C, see Fig. 5-1
nom.
10.3A
at 28V, ambient < +45°C, see Fig. 5-1
nom.
8.6A
at 28V, ambient < +60°C, see Fig. 5-1
nom.
6.5A
at 28V, ambient at +70°C, see Fig. 5-1
Output power
nom.
288W
for ambient temperatures < +45°C
nom.
240W
for ambient temperatures < +60°C
nom.
180W
at +70°C ambient temperature
Short-circuit current
min.
13A
continuous current, short circuit impedance 100mOhm
max.
15A
continuous current, short circuit impedance 100mOhm
*) extended guaranteed adjustment range from 23V to 28V.
Fig. 5-1 Output voltage vs. output current at
24Vdc input voltage, typ.
Fig. 5-2 Current limitation vs. input voltage,
(23V constant voltage load), typ.
Output Voltage
6/25
0
048
4
8
12
28V
16
20
24
16A
6
2
10
12
14
Adjustment
Range
Output Current
Output Current
21
27
14A
13.0
13.5
30
24
18
10.0
10.5
11.0
11.5
12.5
12.0
33
Input Voltage
36Vdc
Jul. 2017 / Rev. 1.1 DS-CD10.241-EN
All parameters are typical values at 24V, 10A, 24Vdc input voltage, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com