Electronic Components Datasheet Search
  English  ▼

X  

CD10.241 Datasheet(PDF) 24 Page - PULS GmbH

Part # CD10.241
Description  DC/DC Converter 24V/24V, 10A, 240W
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD10.241 Datasheet(HTML) 24 Page - PULS GmbH

Back Button CD10.241 Datasheet HTML 17Page - PULS GmbH CD10.241 Datasheet HTML 18Page - PULS GmbH CD10.241 Datasheet HTML 19Page - PULS GmbH CD10.241 Datasheet HTML 20Page - PULS GmbH CD10.241 Datasheet HTML 21Page - PULS GmbH CD10.241 Datasheet HTML 22Page - PULS GmbH CD10.241 Datasheet HTML 23Page - PULS GmbH CD10.241 Datasheet HTML 24Page - PULS GmbH CD10.241 Datasheet HTML 25Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
CD10.241
CD-Series
DC/DC Converter 24V/24V, 10A, 240W
22.10. USE IN A TIGHTLY SEALED ENCLOSURE
When the DC/DC-converter is installed in a tightly sealed enclosure, the temperature inside the enclosure will be
higher than outside. In such situations, the inside temperature defines the ambient temperature for the DC/DC
converter.
The following measurement results can be used as a reference to estimate the temperature rise inside the enclosure.
The DC/DC-converter is placed in the middle of the box, no other heat producing items are inside the box
Condition 1: 80% load
Enclosure:
Rittal Typ IP66 Box PK 9516 100, plastic, 110x180x165mm
Load:
24V, 8A; (=80%) load is placed outside the box
Input:
24Vdc
Temperature inside enclosure:
52.2°C (in the middle of the right side of the DC/DC converter with a distance of 2cm)
Temperature outside enclosure: 31.0°C
Temperature rise:
21.2K
Condition 2: 100% load
Enclosure:
Rittal Typ IP66 Box PK 9516 100, plastic, 110x180x165mm
Load:
24V, 10A; (=100%) load is placed outside the box
Input:
24Vdc
Temperature inside enclosure:
59.3°C (in the middle of the right side of the DC/DC converter with a distance of 2cm)
Temperature outside enclosure: 31.4°C
Temperature rise:
27.9K
Jul. 2017 / Rev. 1.1 DS-CD10.241-EN
All parameters are typical values at 24V, 10A, 24Vdc input voltage, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
24/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com