Electronic Components Datasheet Search
  English  ▼

X  

S8355 Datasheet(PDF) 22 Page - Seiko Instruments Inc

Part # S8355
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8355 Datasheet(HTML) 22 Page - Seiko Instruments Inc

Back Button S8355 Datasheet HTML 18Page - Seiko Instruments Inc S8355 Datasheet HTML 19Page - Seiko Instruments Inc S8355 Datasheet HTML 20Page - Seiko Instruments Inc S8355 Datasheet HTML 21Page - Seiko Instruments Inc S8355 Datasheet HTML 22Page - Seiko Instruments Inc S8355 Datasheet HTML 23Page - Seiko Instruments Inc S8355 Datasheet HTML 24Page - Seiko Instruments Inc S8355 Datasheet HTML 25Page - Seiko Instruments Inc S8355 Datasheet HTML 26Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355/56/57/58 Series
Rev.8.1_01
22
Measurement Circuits
1.
A
+
−
VSS
EXT
VOUT
VDD
*2
0.1
μF
OFF
/
ON
*1
Figure 9
2.
V
CD
Rb
VSS
EXT
VOUT
VDD
*2
0.1
μF
OFF
/
ON
*1
+
−
+
−
Figure 10
3.
VSS
EXT
VOUT
VDD
0.1
μF
A
OFF
/
ON
*1
+
−
Figure 11
4.
V
CD
Rb
VSS
EXT
VOUT
VDD
0.1
μF
OFF
/
ON
*1
+
−
+
−
Figure 12
*1.
With shutdown function
*2.
For VDD / VOUT separate type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com