Electronic Components Datasheet Search
  English  ▼

X  

S8355 Datasheet(PDF) 61 Page - Seiko Instruments Inc

Part # S8355
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8355 Datasheet(HTML) 61 Page - Seiko Instruments Inc

Back Button S8355 Datasheet HTML 57Page - Seiko Instruments Inc S8355 Datasheet HTML 58Page - Seiko Instruments Inc S8355 Datasheet HTML 59Page - Seiko Instruments Inc S8355 Datasheet HTML 60Page - Seiko Instruments Inc S8355 Datasheet HTML 61Page - Seiko Instruments Inc S8355 Datasheet HTML 62Page - Seiko Instruments Inc S8355 Datasheet HTML 63Page - Seiko Instruments Inc S8355 Datasheet HTML 64Page - Seiko Instruments Inc S8355 Datasheet HTML 65Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_01
S-8355/56/57/58 Series
61
3. Output Current (IOUT) vs. Ripple Voltage (Vr) Characteristics
The following shows the actual Output current (IOUT) vs. Ripple voltage (Vr) characteristics and (b) Output current
(IOUT) vs. Output voltage (VOUT) characteristics under the conditions of No. 1 to 16 in Table 27.
Condition 1 S-8357F33
Condition 2 S-8357F50
0
50
100
150
VIN
=0.9 V
VIN
=1.8 V
VIN
=2.7 V
IOUT [mA]
0.1
1
10
100
1000
0
50
100
150
VIN
=2.0 V
VIN
=3.0 V
VIN
=4.0 V
IOUT [mA]
0.1
1
10
100
1000
Condition 3 S-8356M50
Condition 4 S-8357B33
0
50
100
150
VIN
=2.0 V
VIN
=3.0 V
VIN
=4.0 V
IOUT [mA]
0.1
1
10
100
1000
0
50
100
150
VIN
=0.9 V
VIN
=1.8 V
VIN
=2.7 V
IOUT [mA]
0.1
1
10
100
1000
Condition 5 S-8358B33
Condition 6 S-8357B50
0
50
100
150
VIN
=0.9 V
VIN
=1.8 V
VIN
=2.7 V
IOUT [mA]
0.1
1
10
100
1000
0
50
100
150
VIN
=2.0 V
VIN
=3.0 V
VIN
=4.0 V
IOUT [mA]
0.1
1
10
100
1000
Condition 7 S-8356M50
Condition 8 S-8357B33
0
50
100
150
VIN
=2.0 V
VIN
=3.0 V
VIN
=4.0 V
IOUT [mA]
0.1
1
10
100
1000
0
50
100
150
VIN
=0.9 V
VIN
=1.8 V
VIN
=2.7 V
IOUT [mA]
0.1
1
10
100
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com