Electronic Components Datasheet Search
  English  ▼

X  

S8355 Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S8355
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8355 Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S8355 Datasheet HTML 13Page - Seiko Instruments Inc S8355 Datasheet HTML 14Page - Seiko Instruments Inc S8355 Datasheet HTML 15Page - Seiko Instruments Inc S8355 Datasheet HTML 16Page - Seiko Instruments Inc S8355 Datasheet HTML 17Page - Seiko Instruments Inc S8355 Datasheet HTML 18Page - Seiko Instruments Inc S8355 Datasheet HTML 19Page - Seiko Instruments Inc S8355 Datasheet HTML 20Page - Seiko Instruments Inc S8355 Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_01
S-8355/56/57/58 Series
17
(3) 300 kHz Product (F, G and M Types)
Table 20
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Measurement
circuit
Output voltage
VOUT
−
VOUT(S)
× 0.976
VOUT(S) VOUT(S)
× 1.024
V
2
Input voltage
VIN
−
−
−
10
V
2
Operation start voltage
VST1
IOUT = 1 mA
−
−
0.9
V
2
Oscillation start voltage
VST2
No external parts, Voltage applied to VOUT
−
−
0.8
V
1
Operation holding voltage
VHLD
IOUT = 1 mA, Judged by decreasing VIN
voltage gradually
0.7
−
−
V
2
Current consumption 1
ISS1
VOUT = VOUT(S)
× 0.95
S-835xx15 to 19
−
33.8
56.4
μA
1
S-835xx20 to 29
−
50.3
83.9
μA
1
S-835xx30 to 39
−
68.6
114.4
μA
1
S-835xx40 to 49
−
88.4
147.4
μA
1
S-835xx50 to 59
−
109.4
182.4
μA
1
S-835xx60 to 65
−
131.6
219.3
μA
1
Current consumption 2
ISS2
VOUT = VOUT(S)
+ 0.5 V
S-835xx15 to 19
−
9.7
19.4
μA
1
S-835xx20 to 29
−
9.9
19.7
μA
1
S-835xx30 to 39
−
10.0
20.0
μA
1
S-835xx40 to 49
−
10.2
20.4
μA
1
S-835xx50 to 59
−
10.4
20.7
μA
1
S-835xx60 to 65
−
10.5
21.0
μA
1
Current consumption during
shutdown
(With shutdown function)
ISSS
OFF
/
ON
V
= 0 V
−
−
0.5
μA
1
EXT pin output current
IEXTH
VEXT = VOUT
− 0.4 V
S-835xx15 to 19
− 4.5
− 8.9
−
mA
1
S-835xx20 to 24
− 6.2 − 12.3
−
mA
1
S-835xx25 to 29
− 7.8 − 15.7
−
mA
1
S-835xx30 to 39
− 10.3 − 20.7
−
mA
1
S-835xx40 to 49
− 13.3 − 26.7
−
mA
1
S-835xx50 to 59
− 16.1 − 32.3
−
mA
1
S-835xx60 to 65
− 18.9 − 37.7
−
mA
1
IEXTL
VEXT = 0.4 V
S-835xx15 to 19
9.5
19.0
−
mA
1
S-835xx20 to 24
12.6
25.2
−
mA
1
S-835xx25 to 29
15.5
31.0
−
mA
1
S-835xx30 to 39
19.2
38.5
−
mA
1
S-835xx40 to 49
23.8
47.6
−
mA
1
S-835xx50 to 59
27.4
54.8
−
mA
1
S-835xx60 to 65
30.3
60.6
−
mA
1
Line regulation
ΔVOUT1
VIN = VOUT(S)
× 0.4 to × 0.6
−
30
60
mV
2
Load regulation
ΔVOUT2
IOUT = 10
μA to VOUT(S) / 50 × 1.25
−
30
60
mV
2
Output voltage temperature
coefficient
OUT
OUT
V
Ta
∆
V
∆
•
Ta =
−40 to +85°C
−
±50
−
ppm /
°C2
Oscillation frequency
fOSC
VOUT = VOUT(S)
× 0.95
255
300
345
kHz
1
Maximum duty ratio
MaxDuty
VOUT = VOUT(S)
× 0.95
70
78
85
%
1
PWM / PFM switching duty
ratio (For S-8356/58 Series)
PFMDuty
VIN = VOUT(S)
− 0.1 V, No-load
10
15
24
%
1
OFF
/
ON
pin input voltage
(With shutdown function)
VSH
Measured oscillation at EXT pin
0.75
−
−
V
1
VSL1
Judged oscillation stop at
EXT pin
At VOUT
≥1.5 V
−
−
0.3
V
1
VSL2
At VOUT
<1.5 V
−
−
0.2
V
1
OFF
/
ON
pin input current
(With shutdown function)
ISH
OFF
/
ON
V
= VOUT(S)
× 0.95
− 0.1
−
0.1
μA
1
ISL
OFF
/
ON
V
= 0 V
− 0.1
−
0.1
μA
1
Soft start time
tSS
−
1.5
3.0
6.0
ms
2
Efficiency
EFFI
−
−
85
−
%
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com