Electronic Components Datasheet Search
  English  ▼

X  

S8355 Datasheet(PDF) 30 Page - Seiko Instruments Inc

Part # S8355
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8355 Datasheet(HTML) 30 Page - Seiko Instruments Inc

Back Button S8355 Datasheet HTML 26Page - Seiko Instruments Inc S8355 Datasheet HTML 27Page - Seiko Instruments Inc S8355 Datasheet HTML 28Page - Seiko Instruments Inc S8355 Datasheet HTML 29Page - Seiko Instruments Inc S8355 Datasheet HTML 30Page - Seiko Instruments Inc S8355 Datasheet HTML 31Page - Seiko Instruments Inc S8355 Datasheet HTML 32Page - Seiko Instruments Inc S8355 Datasheet HTML 33Page - Seiko Instruments Inc S8355 Datasheet HTML 34Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355/56/57/58 Series
Rev.8.1_01
30
4.2 Bipolar (NPN) Type
A circuit example using the CPH3210 (hFE = 200 to 560) from Sanyo Electric Co., Ltd. As a bipolar transistor
(NPN) is shown in Figure 19 to 24 in the “ Standard Circuits”. The hFE value and Rb value of the bipolar
transistor determine the driving capacity to increase the output current using a bipolar transistor. A peripheral
circuit example of the transistor is shown in Figure 18.
Nch
Pch
VOUT
*1
IPK
EXT
Cb
2200 pF
Rb
1 k
Ω
*1.
VDD for E, G, J, K, L, M, P and Q types.
Figure 18 External Transistor Peripheral Circuit
The recommended Rb value is around 1 k
Ω. Actually, calculate the necessary base current (Ib) from the bipolar
transistor (hFE) using
FE
PK
b
h
I
I
=
, and select the smaller Rb value than
EXTH
b
OUT
b
I
4
.
0
I
7
.
0
V
R
−
−
=
*1.
A small Rb value can increase the output current, but the efficiency decreases. Since a current may flow on the
pulse and the voltage may drop due to wiring resistance or other factors in the actual circuit, therefore the
optimum Rb value should be determined by experiment.
Connecting the speed-up capacitor (Cb) in parallel with the Rb resistance as shown in Figure 18, decreases
switching loss and improves the efficiency.
The Cb value is calculated according to
7
.
0
f
R
π
2
1
C
osc
b
b
•
•
•
≤
.
Select a Cb value after performing sufficient evaluation since the optimum Cb value differs depending upon the
characteristics of the bipolar transistor.
*1.
For E, G, J, K, L, M, P and Q type,
EXTH
b
DD
b
I
4
.
0
I
7
.
0
V
R
−
−
=
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com