Electronic Components Datasheet Search
  English  ▼

X  

S8355 Datasheet(PDF) 23 Page - Seiko Instruments Inc

Part # S8355
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8355 Datasheet(HTML) 23 Page - Seiko Instruments Inc

Back Button S8355 Datasheet HTML 19Page - Seiko Instruments Inc S8355 Datasheet HTML 20Page - Seiko Instruments Inc S8355 Datasheet HTML 21Page - Seiko Instruments Inc S8355 Datasheet HTML 22Page - Seiko Instruments Inc S8355 Datasheet HTML 23Page - Seiko Instruments Inc S8355 Datasheet HTML 24Page - Seiko Instruments Inc S8355 Datasheet HTML 25Page - Seiko Instruments Inc S8355 Datasheet HTML 26Page - Seiko Instruments Inc S8355 Datasheet HTML 27Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_01
S-8355/56/57/58 Series
23
Operation
1. Switching Control Types
1.1 PWM Control (S-8355/57 Series)
The S-8355/57 Series is a DC-DC converter using a pulse width modulation method (PWM) and features a low
current consumption.
In conventional PFM DC-DC converters, pulses are skipped when the output load current is low, causing a
fluctuation in the ripple frequency of the output voltage, resulting in an increase in the ripple voltage.
The switching frequency does not change, although the pulse width changes from 0 to 83% (78% for F, G, H, J, L,
M, N, P and Q types) corresponding to each load current. The ripple voltage generated from switching can thus
be removed easily through a filter because the switching frequency is constant.
1.2 PWM/PFM Switching Control (S-8356/58 Series)
S-8356/58 Series is a DC-DC converter that automatically switches between a pulse width modulation method
(PWM) and a pulse frequency modulation method (PFM), depending on the load current, and features low current
consumption.
The S-8356/58 Series operates under PWM control with the pulse width duty changing from 15 to 83% (78% for F,
G, H, J, L, M, N, P and Q types) in a high output load current area.
The S-8356/58 Series operates under PFM control with the pulse width duty fixed at 15%, and pulses are skipped
according to the load current. The oscillation circuit thus oscillates intermittently so that the resultant lower self
current consumption prevents a reduction in the efficiency at a low load current. The switching point from PWM
control to PFM control depends on the external devices (coil, diode, etc.), input voltage and output voltage. This
series are an especially highly efficient DC-DC converter at an output current around 100
μA.
2. Soft Start Function
For this IC, the built-in soft start circuit controls the rush current and overshoot of the output voltage when
powering on or when the
OFF
/
ON
pin is switched to the “H” level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com