Electronic Components Datasheet Search
  English  ▼

X  

S8355 Datasheet(PDF) 62 Page - Seiko Instruments Inc

Part # S8355
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8355 Datasheet(HTML) 62 Page - Seiko Instruments Inc

Back Button S8355 Datasheet HTML 58Page - Seiko Instruments Inc S8355 Datasheet HTML 59Page - Seiko Instruments Inc S8355 Datasheet HTML 60Page - Seiko Instruments Inc S8355 Datasheet HTML 61Page - Seiko Instruments Inc S8355 Datasheet HTML 62Page - Seiko Instruments Inc S8355 Datasheet HTML 63Page - Seiko Instruments Inc S8355 Datasheet HTML 64Page - Seiko Instruments Inc S8355 Datasheet HTML 65Page - Seiko Instruments Inc S8355 Datasheet HTML 66Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355/56/57/58 Series
Rev.8.1_01
62
Condition 9 S-8358B33
Condition 10 S-8357B50
0
50
100
150
VIN
=0.9 V
VIN
=1.8 V
VIN
=2.7 V
IOUT [mA]
0.1
1
10
100
1000
0
50
100
150
VIN
=2.0 V
VIN
=3.0 V
VIN
=4.0 V
IOUT [mA]
0.1
1
10
100
1000
Condition 11 S-8357F33
Condition 12 S-8356M50
0
50
100
150
VIN
=0.9 V
VIN
=1.8 V
VIN
=2.7 V
IOUT [mA]
0.1
1
10
100
1000
0
50
100
150
VIN
=2.0 V
VIN
=3.0 V
VIN
=4.0 V
IOUT [mA]
0.1
1
10
100
1000
Condition 13 S-8357N33
Condition 14 S-8357N50
0
50
100
150
IOUT [mA]
0.1
1
10
100
1000
VIN
=0.9 V
VIN
=1.8 V
VIN
=2.7 V
0
50
100
150
IOUT [mA]
0.1
1
10
100
1000
VIN
=2.0 V
VIN
=3.0 V
VIN
=4.0 V
Condition 15 S-8356Q33
Condition 16 S-8356Q50
0
50
100
150
IOUT [mA]
0.1
1
10
100
1000
VIN
=1.8 V
VIN
=2.7 V
0
50
100
150
IOUT [mA]
0.1
1
10
100
1000
VIN
=3.0 V
VIN
=4.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com