Electronic Components Datasheet Search
  English  ▼

X  

S8355 Datasheet(PDF) 57 Page - Seiko Instruments Inc

Part # S8355
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8355 Datasheet(HTML) 57 Page - Seiko Instruments Inc

Back Button S8355 Datasheet HTML 53Page - Seiko Instruments Inc S8355 Datasheet HTML 54Page - Seiko Instruments Inc S8355 Datasheet HTML 55Page - Seiko Instruments Inc S8355 Datasheet HTML 56Page - Seiko Instruments Inc S8355 Datasheet HTML 57Page - Seiko Instruments Inc S8355 Datasheet HTML 58Page - Seiko Instruments Inc S8355 Datasheet HTML 59Page - Seiko Instruments Inc S8355 Datasheet HTML 60Page - Seiko Instruments Inc S8355 Datasheet HTML 61Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_01
S-8355/56/57/58 Series
57
Condition 4 S-8357B33
(a) Output current (IOUT) vs. Efficiency (
η)
(b) Output current (IOUT) vs. Output voltage (VOUT)
20
40
60
80
100
1
10
100
1000
VIN
= 0.9 V
V IN
= 1.8 V
V IN
= 2.7 V
0.1
IOUT [mA]
3.0
3.1
3.2
3.3
3.4
3.5
0.1
1
10
100
1000
VIN
=0.9 V
VIN
=1.8 V
VIN
=2.7 V
IOUT [mA]
Condition 5 S-8358B33
(a) Output current (IOUT) vs. Efficiency (
η)
(b) Output current (IOUT) vs. Output voltage (VOUT)
20
40
60
80
100
1
10
100
1000
VIN
= 0.9 V
V IN
= 1.8 V
V IN
= 2.7 V
0.1
IOUT [mA]
3.0
3.1
3.2
3.3
3.4
3.5
0.1
1
10
100
1000
VIN
=0.9 V
VIN
=1.8 V
VIN
=2.7 V
IOUT [mA]
Condition 6 S-8357B50
(a) Output current (IOUT) vs. Efficiency (
η)
(b) Output current (IOUT) vs. Output voltage (VOUT)
20
40
60
80
100
1
10
100
1000
VIN
= 2.0 V
V IN
= 3.0 V
V IN
= 4.0 V
0.1
IOUT [mA]
4.7
4.8
4.9
5.0
5.1
5.2
0.1
1
10
100
1000
VIN
=2.0 V
VIN
=3.0 V
VIN
=4.0 V
IOUT [mA]
Condition 7 S-8357M50
(a) Output current (IOUT) vs. Efficiency (
η)
(b) Output current (IOUT) vs. Output voltage (VOUT)
20
40
60
80
100
1
10
100
1000
VIN
= 2.0 V
V IN
= 3.0 V
V IN
= 4.0 V
0.1
IOUT [mA]
4.7
4.8
4.9
5.0
5.1
5.2
0.1
1
10
100
1000
VIN
=2.0 V
VIN
=3.0 V
VIN
=4.0 V
IOUT [mA]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com