Electronic Components Datasheet Search
  English  ▼

X  

S8355 Datasheet(PDF) 45 Page - Seiko Instruments Inc

Part # S8355
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8355 Datasheet(HTML) 45 Page - Seiko Instruments Inc

Back Button S8355 Datasheet HTML 41Page - Seiko Instruments Inc S8355 Datasheet HTML 42Page - Seiko Instruments Inc S8355 Datasheet HTML 43Page - Seiko Instruments Inc S8355 Datasheet HTML 44Page - Seiko Instruments Inc S8355 Datasheet HTML 45Page - Seiko Instruments Inc S8355 Datasheet HTML 46Page - Seiko Instruments Inc S8355 Datasheet HTML 47Page - Seiko Instruments Inc S8355 Datasheet HTML 48Page - Seiko Instruments Inc S8355 Datasheet HTML 49Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_01
S-8355/56/57/58 Series
45
2. Examples of Major Power Supply Dependence Characteristics (Ta = 25
°C)
(1) Current Consumption 1 (ISS1) vs. Power Supply Voltage (VDD), Current Consumption 2 (ISS2) vs. Power Supply Voltage (VDD)
(VOUT = 3.3 V)
fOSC = 300 kHz
fOSC = 600 kHz
0
10
20
30
40
50
0
2
4
6
8
10
VDD [V]
0
20
40
60
80
100
0
2
4
6
8
10
VDD [V]
(2) Current Consumption at Shutdown (ISSS) vs. Power Supply Voltage (VDD)
VOUT = 3.3 V, fOSC = 300 kHz
0
0.2
0.4
0.6
0.8
1.0
0
2
4
6
8
10
VDD [V]
(3) Oscillation Friquency (fOSC) vs. Power Supply Voltage (VDD)
fOSC = 100 kHz
fOSC = 300 kHz
20
40
60
80
100
120
0
2
4
6
8
10
VDD [V]
0
2
4
6
8
10
VDD [V]
60
120
180
240
300
360
fOSC = 600 kHz
0
2
4
6
8
10
VDD [V]
120
240
360
480
600
720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com