Electronic Components Datasheet Search
  English  ▼

X  

S8355 Datasheet(PDF) 36 Page - Seiko Instruments Inc

Part # S8355
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8355 Datasheet(HTML) 36 Page - Seiko Instruments Inc

Back Button S8355 Datasheet HTML 32Page - Seiko Instruments Inc S8355 Datasheet HTML 33Page - Seiko Instruments Inc S8355 Datasheet HTML 34Page - Seiko Instruments Inc S8355 Datasheet HTML 35Page - Seiko Instruments Inc S8355 Datasheet HTML 36Page - Seiko Instruments Inc S8355 Datasheet HTML 37Page - Seiko Instruments Inc S8355 Datasheet HTML 38Page - Seiko Instruments Inc S8355 Datasheet HTML 39Page - Seiko Instruments Inc S8355 Datasheet HTML 40Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355/56/57/58 Series
Rev.8.1_01
36
2. Output Characteristics of The Power Supply for LCD
The data of the step-up characteristics (a) Output current (IOUT) vs. Efficiency (
η) characteristics, (b) Output current
(IOUT) vs. Output voltage (VOUT) characteristics under conditions of 1 to 3 in Table 25 is shown below.
Condition 1
(a) Output current (IOUT) vs. Efficiency (
η)
(b) Output current (IOUT) vs. Output voltage (VOUT)
0
20
40
60
80
100
0.01
0.1
1
10
100
IOUT [mA]
VIN = 3.0 V
VIN = 5.0 V
VIN = 7.0 V
12
13
14
15
16
0.01
0.1
1
10
100
IOUT [mA]
VIN = 3.0 V
VIN = 5.0 V
VIN = 7.0 V
Condition 2
(a) Output current (IOUT) vs. Efficiency (
η)
(b) Output current (IOUT) vs. Output voltage (VOUT)
0
20
40
60
80
100
0.01
0.1
1
10
100
IOUT [mA]
VIN = 3.0 V
VIN = 5.0 V
VIN = 7.0 V
14
16
18
20
22
0.01
0.1
1
10
100
IOUT [mA]
VIN = 3.0 V
VIN = 5.0 V
VIN = 7.0 V
Condition 3
(a) Output current (IOUT) vs. Efficiency (
η)
(b) Output current (IOUT) vs. Output voltage (VOUT)
0
20
40
60
80
100
0.01
0.1
1
10
100
IOUT [mA]
VIN = 3.3 V
VIN = 5.0 V
7
8
9
10
11
0.01
0.1
1
10
100
IOUT [mA]
VIN = 3.3 V
VIN = 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com