Electronic Components Datasheet Search
  English  ▼

X  

S8355 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S8355
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8355 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S8355 Datasheet HTML 1Page - Seiko Instruments Inc S8355 Datasheet HTML 2Page - Seiko Instruments Inc S8355 Datasheet HTML 3Page - Seiko Instruments Inc S8355 Datasheet HTML 4Page - Seiko Instruments Inc S8355 Datasheet HTML 5Page - Seiko Instruments Inc S8355 Datasheet HTML 6Page - Seiko Instruments Inc S8355 Datasheet HTML 7Page - Seiko Instruments Inc S8355 Datasheet HTML 8Page - Seiko Instruments Inc S8355 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_01
S-8355/56/57/58 Series
3
Product Name Structure
The control system, product types, output voltage, and packages for the S-8355/56/57/58 Series can be selected at the
user’s request. Please refer to the “3. Product Name” for the definition of the product name, “4. Package” regarding the
package drawings and “5. Product Name List” for the full product names.
1. Function List
(1) PWM Control Products
Table 1
Product Name
Switching
Frequency
kHz
Shutdown
Function
VDD / VOUT
Separate
Type
Package
Application
S-8355KxxMC
100
Yes
Yes
SOT-23-5
Applications requiring variable output voltage
and a shutdown function
S-8355LxxMC
250
Yes
Yes
SOT-23-5
Applications requiring variable output voltage,
a shutdown function, and a thin coil
S-8355MxxMC
300
Yes
Yes
SOT-23-5
Applications requiring variable output voltage,
a shutdown function, and a thin coil
S-8355QxxMC
600
Yes
Yes
SOT-23-5
Applications requiring variable output voltage,
a shutdown function, and a thin coil
S-8357BxxMC
100
Yes
−
SOT-23-5
Applications requiring a shutdown function
S-8357BxxMA
100
−
−
SOT-23-3
Applications not requiring a shutdown function
S-8357BxxUA
100
−
−
SOT-89-3
Applications not requiring a shutdown function
S-8357ExxMC
100
−
Yes
SOT-23-5
Applications in which output voltage is
adjusted by external resistor
S-8357FxxMC
300
Yes
−
SOT-23-5
Applications requiring a shutdown function
and a thin coil
S-8357GxxMC
300
−
Yes
SOT-23-5
Applications requiring variable output voltage
and a thin coil
S-8357HxxMC
250
Yes
−
SOT-23-5
Applications requiring a shutdown function
and a thin coil
S-8357JxxMC
250
−
Yes
SOT-23-5
Applications requiring variable output voltage
with an external resistor and a thin coil
S-8357NxxMC
600
Yes
−
SOT-23-5
Applications requiring a shutdown function
and a thin coil
S-8357PxxMC
600
−
Yes
SOT-23-5
Applications requiring variable output voltage
with an external resistor and a thin coil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com