Electronic Components Datasheet Search
  English  ▼

X  

S8355 Datasheet(PDF) 28 Page - Seiko Instruments Inc

Part # S8355
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8355 Datasheet(HTML) 28 Page - Seiko Instruments Inc

Back Button S8355 Datasheet HTML 24Page - Seiko Instruments Inc S8355 Datasheet HTML 25Page - Seiko Instruments Inc S8355 Datasheet HTML 26Page - Seiko Instruments Inc S8355 Datasheet HTML 27Page - Seiko Instruments Inc S8355 Datasheet HTML 28Page - Seiko Instruments Inc S8355 Datasheet HTML 29Page - Seiko Instruments Inc S8355 Datasheet HTML 30Page - Seiko Instruments Inc S8355 Datasheet HTML 31Page - Seiko Instruments Inc S8355 Datasheet HTML 32Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355/56/57/58 Series
Rev.8.1_01
28
1. Inductor
The inductance value (L value) has a strong influence on the maximum output current (IOUT) and efficiency (
η).
Figure 16
shows the relationship between the IOUT and
η dependency on L of S-8355/56/57/58 series.
F, G, H, J, L and M types
CDRH6D28, VOUT = 5.0 V, VIN = 3.0 V
Recommended range
IOUT
η
4.7
47
L value (
μH)
Efficiency
decreases
IOUT decreases
IPK increases
Coil size :
smaller
Efficiency
decreases
IOUT decreases
IPK decreases
Coil size : bigger
Figure 16 L Value vs. IOUT Characteristics, L Value vs.
η Characteristics
The peak current (IPK) increases by decreasing L value and the stability of the circuit improves and IOUT increases. If L
value is decreased, the efficiency falls causing a decline in the current drive capacity for the switching transistor, and
IOUT decreases.
The loss of IPK by the switching transistor decreases by increasing L value and the efficiency becomes maximum at a
certain L value. Further increasing L value decreases the efficiency due to the loss of the direct current resistance of
the coil. IOUT also decreases.
A higher oscillation frequency allows selection of a lower L value, making the coil smaller.
The recommended inductances are a 22 to 100
μH for B, E, and K types, a 4.7 to 47 μH for F, G, H, J, L, and M
types, 3.0 to 22
μH for N, P and Q types.
Be careful of the allowable inductor current when choosing an inductor. Exceeding the allowable current of the
inductor causes magnetic saturation, much lower efficiency and destruction of the IC chip due to a large current.
Choose an inductor so that IPK does not exceed the allowable current. IPK in discontinuous mode is calculated by the
following equation:
L
f
)
V
V
V
(
I
2
I
OSC
IN
D
OUT
OUT
PK
•
−
+
=
(A)
(17)
fosc = oscillation frequency, VD
≅ 0.4 V.
2. Diode
Use an external diode that meets the following requirements :
• Low forward voltage : VF
< 0.3 V
• High switching speed : 500 ns max.
• Reverse voltage :
VOUT
+ VF or more
• Current rate :
IPK or more



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com