Electronic Components Datasheet Search
  English  ▼

X  

S8355 Datasheet(PDF) 24 Page - Seiko Instruments Inc

Part # S8355
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8355 Datasheet(HTML) 24 Page - Seiko Instruments Inc

Back Button S8355 Datasheet HTML 20Page - Seiko Instruments Inc S8355 Datasheet HTML 21Page - Seiko Instruments Inc S8355 Datasheet HTML 22Page - Seiko Instruments Inc S8355 Datasheet HTML 23Page - Seiko Instruments Inc S8355 Datasheet HTML 24Page - Seiko Instruments Inc S8355 Datasheet HTML 25Page - Seiko Instruments Inc S8355 Datasheet HTML 26Page - Seiko Instruments Inc S8355 Datasheet HTML 27Page - Seiko Instruments Inc S8355 Datasheet HTML 28Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355/56/57/58 Series
Rev.8.1_01
24
3.
OFF
ON/
Pin (Shutdown Pin) (SOT-23-5 Package Products of S-8355/56/57/58 Series B, H, F, K, L, M, N and Q
Types)
OFF
/
ON
pin stops or starts step-up operation.
Setting the
OFF
/
ON
pin to the “L” level stops operation of all the internal circuits and reduces the current
consumption significantly.
DO NOT use the
OFF
/
ON
pin in a floating state because it has the structure shown in Figure 13 and is not pulled
up or pulled down internally. DO NOT apply a voltage of between 0.3 V and 0.75 V to the
OFF
/
ON
pin because
applying such a voltage increases the current consumption. If the
OFF
/
ON
pin is not used, connect it to the VOUT
pin.
The
OFF
/
ON
pin does not have hysteresis.
Table 23
OFF
/
ON
pin
CR oscillation circuit
Output voltage
“H”
Operation
Fixed
“L”
Stop
≅VIN*1
*1.
Voltage obtained by subtracting the voltage drop due to the DC resistance of the inductor and the diode forward
voltage from VIN.
VSS
VOUT
*1
OFF
/
ON
*1.
VDD for K, L, M and Q types.
Figure 13
OFF
ON/
Pin Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com