Electronic Components Datasheet Search
  English  ▼

X  

S8355 Datasheet(PDF) 14 Page - Seiko Instruments Inc

Part # S8355
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8355 Datasheet(HTML) 14 Page - Seiko Instruments Inc

Back Button S8355 Datasheet HTML 10Page - Seiko Instruments Inc S8355 Datasheet HTML 11Page - Seiko Instruments Inc S8355 Datasheet HTML 12Page - Seiko Instruments Inc S8355 Datasheet HTML 13Page - Seiko Instruments Inc S8355 Datasheet HTML 14Page - Seiko Instruments Inc S8355 Datasheet HTML 15Page - Seiko Instruments Inc S8355 Datasheet HTML 16Page - Seiko Instruments Inc S8355 Datasheet HTML 17Page - Seiko Instruments Inc S8355 Datasheet HTML 18Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355/56/57/58 Series
Rev.8.1_01
14
Table 18 (2 / 2)
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Measurement
circuit
OFF
/
ON
pin input current
(For with shutdown function)
ISH
OFF
/
ON
V
= VOUT(S)
× 0.95
− 0.1
−
0.1
μA
1
ISL
OFF
/
ON
V
= 0 V
− 0.1
−
0.1
μA
1
Soft start time
tSS
−
3.0
6.0
12.0
ms
2
Efficiency
EFFI
−
−
85
−
%
2
External parts
Coil:
CDRH6D28-470 of Sumida Corporation
Diode:
RB461F (Schottky type) of Rohm Co., Ltd.
Capacitor:
F93 (16 V, 47
μF tantalum type) of Nichicon Corporation
Transistor:
CPH3210 of Sanyo Electric Co., Ltd.
Base resistor (Rb):
1.0 k
Ω
Base capacitor (Cb):
2200 pF (ceramic type)
VIN = VOUT(S)
× 0.6 applied, IOUT = VOUT(S) / 50 Ω
With shutdown function :
OFF
/
ON
pin is connected to VOUT
For VDD / VOUT separate type : VDD pin is connected to VOUT pin
Remark 1.
VOUT(S) specified above is the set output voltage value, and VOUT is the typical value of the actual output voltage.
2.
VDD / VOUT separate type
A step-up operation is performed from VDD = 0.8 V. However, 1.8 V
≤ VDD ≤ 10 V is recommended stabilizing
the output voltage and oscillation frequency. (VDD
≥ 1.8 V must be applied for products with a set value of less
than 1.9 V.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com