Electronic Components Datasheet Search
  English  ▼

X  

AD9249 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9249
Description  16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9249 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9249 Datasheet HTML 29Page - Analog Devices AD9249 Datasheet HTML 30Page - Analog Devices AD9249 Datasheet HTML 31Page - Analog Devices AD9249 Datasheet HTML 32Page - Analog Devices AD9249 Datasheet HTML 33Page - Analog Devices AD9249 Datasheet HTML 34Page - Analog Devices AD9249 Datasheet HTML 35Page - Analog Devices AD9249 Datasheet HTML 36Page - Analog Devices AD9249 Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
AD9249
Data Sheet
Rev. 0 | Page 34 of 36
APPLICATIONS INFORMATION
DESIGN GUIDELINES
Before starting the design and layout of the AD9249 as a system,
it is recommended that the designer become familiar with these
guidelines, which describe the special circuit connections and
layout requirements that are needed for certain pins.
POWER AND GROUND RECOMMENDATIONS
When connecting power to the AD9249, it is recommended
that two separate 1.8 V supplies be used. Use one supply for
analog (AVDD); use a separate supply for the digital outputs
(DRVDD). For both AVDD and DRVDD, use several different
decoupling capacitors for both high and low frequencies. Place
these capacitors near the point of entry at the PCB level and
near the pins of the device, with minimal trace length.
A single PCB ground plane is typically sufficient when using the
AD9249. With proper decoupling and smart partitioning of the
PCB analog, digital, and clock sections, optimum performance
is easily achieved.
BOARD LAYOUT CONSIDERATIONS
For optimal performance, give special consideration to the AD9249
board layout. The high channel count and small footprint of the
AD9249 create a dense configuration that must be managed for
matters relating to crosstalk and switching noise.
Sources of Coupling
Trace pairs interfere with each other by inductive coupling and
capacitive coupling. Use the following guidelines:
•
Inductive coupling is current induced in a trace by a
changing magnetic field from an adjacent trace, caused by
its changing current flow. Mitigate this effect by making
traces orthogonal to each other whenever possible and by
increasing the distance between them.
•
Capacitive coupling is charge induced in a trace by the
changing electric field of an adjacent trace. Mitigate this
effect by minimizing facing areas, increasing the distance
between traces, or changing dielectric properties.
•
Through-vias are particularly good conduits for both types
of coupling and must be used carefully.
•
Adjacent trace runs on the same layer may cause unbalanced
coupling between channels.
•
Traces on one layer should be separated by a plane (ac ground)
from the traces on another layer. Significant coupling occurs
through gaps in that plane, such as the setback around
through-vias.
Crosstalk Between Inputs
To avoid crosstalk between inputs, consider the following
guidelines:
•
When routing inputs, sequentially alternate input channels
on the top and bottom (or other layer) of the board.
•
Ensure that the top channels have no vias within 5 mm of
any other input channel via.
•
For bottom channels, use a via-in-pad to minimize top
metal coupling between channels.
•
Avoid running input traces parallel with each other that are
nearer than 2 mm apart.
•
When possible, lay out traces orthogonal to each other and
to any other traces that are not dc.
•
Secondhand or indirect coupling may occur through non-
related dc traces that bridge the distance between two traces
or vias.
Coupling of Digital Output Switching Noise to Analog
Inputs and Clock
To avoid the coupling of digital output switching noise to the
analog inputs and the clock, use the following guidelines:
•
Vias on the outputs are a main conduit of noise to the vias
on the inputs. Maintain 5 mm of separation between any
output via and any input via.
•
Place the encode clock traces on the top surface. Vias are
not recommended in the clock traces. However, if they are
required, ensure that there are no clock trace vias within
5 mm of any input via or output via.
•
Place output surface traces (not imbedded between planes)
orthogonal to one another as much as possible. Avoid parallel
output to input traces within 2 mm.
•
Route digital output traces away from the analog input side
of the board.
•
Coupling among outputs is not a critical issue, but separation
between these high speed output pairs increases the noise
margin of the signals and is good practice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com