Electronic Components Datasheet Search
  English  ▼

X  

AD9249 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9249
Description  16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9249 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9249 Datasheet HTML 18Page - Analog Devices AD9249 Datasheet HTML 19Page - Analog Devices AD9249 Datasheet HTML 20Page - Analog Devices AD9249 Datasheet HTML 21Page - Analog Devices AD9249 Datasheet HTML 22Page - Analog Devices AD9249 Datasheet HTML 23Page - Analog Devices AD9249 Datasheet HTML 24Page - Analog Devices AD9249 Datasheet HTML 25Page - Analog Devices AD9249 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Data Sheet
AD9249
Rev. 0 | Page 21 of 36
Treat the clock input as an analog signal in cases where aperture
jitter may affect the dynamic range of the AD9249. Separate the
clock driver power supplies from the ADC output driver supplies
to avoid modulating the clock signal with digital noise. Low jitter,
crystal controlled oscillators are excellent clock sources. If
another type of source generates the clock (by gating, dividing, or
another method), ensure that it is retimed by the original clock
at the last step.
See the AN-501 Application Note, Aperture Uncertainty and
ADC System Performance, and the AN-756 Application Note,
Sampled Systems and the Effects of Clock Phase Noise and Jitter,
for more in depth information about jitter performance as it
relates to ADCs.
POWER DISSIPATION AND POWER-DOWN MODE
As shown in Figure 45, the power dissipated by the AD9249 is
proportional to its sample rate and can be set to one of several
power saving modes using Register 0x100, Bits[2:0].
Figure 45. Total Power vs. fSAMPLE for fIN = 9.7 MHz
The AD9249 is placed in power-down mode either by the SPI
port or by asserting the PDWN pin high. In this state, the ADC
typically dissipates 2 mW. During power-down, the output drivers
are placed in a high impedance state. Asserting the PDWN pin
low returns the AD9249 to its normal operating mode. Note
that PDWN is referenced to the digital output driver supply
(DRVDD) and should not exceed that supply voltage.
Low power dissipation in power-down mode is achieved by
shutting down the reference, reference buffer, biasing networks,
and clock. The internal capacitors are discharged when the device
enters power-down mode and then must be recharged when
returning to normal operation. As a result, wake-up time is
related to the time spent in power-down mode, and shorter
power-down cycles result in proportionally shorter wake-up
times. When using the SPI port interface, the user can place the
ADC in power-down mode or standby mode. Standby mode
allows the user to keep the internal reference circuitry powered
when faster wake-up times are required. See the Memory Map
section for more details on using these features.
DIGITAL OUTPUTS AND TIMING
The AD9249 differential outputs conform to the ANSI-644 LVDS
standard on default power-up. This can be changed to a low power,
reduced signal option (similar to the IEEE 1596.3 standard) via
the SPI. The LVDS driver current is derived on chip and sets the
output current at each output equal to a nominal 3.5 mA. A 100 Ω
differential termination resistor placed at the LVDS receiver
inputs results in a nominal 350 mV swing (or 700 mV p-p
differential) at the receiver.
When operating in reduced range mode, the output current
reduces to 2 mA. This results in a 200 mV swing (or 400 mV p-p
differential) across a 100 Ω termination at the receiver.
The AD9249 LVDS outputs facilitate interfacing with LVDS
receivers in custom ASICs and FPGAs for superior switching
performance in noisy environments. Single point-to-point net
topologies are recommended with a 100 Ω termination resistor
placed as near to the receiver as possible. If there is no far end
receiver termination or there is poor differential trace routing,
timing errors may result. To avoid such timing errors, it is recom-
mended that the trace length be less than 24 inches, with all traces
the same length. Place the differential output traces as near to each
other as possible. An example of the FCO and data stream with
proper trace length and position is shown in Figure 46. Figure 47
shows an LVDS output timing example in reduced range mode.
Figure 46. LVDS Output Timing Example in ANSI-644 Mode (Default)
Figure 47. LVDS Output Timing Example in Reduced Range Mode
1.0
0.9
0.8
0.7
0.6
0.5
0.4
10
SAMPLE RATE (MSPS)
20
30
40
50
60
50MSPS
SETTING
65MSPS
SETTING
20MSPS
SETTING
40MSPS
SETTING
FCO 500mV/DIV
DCO 500mV/DIV
DATA 500mV/DIV
5ns/DIV
FCO 500mV/DIV
DCO 500mV/DIV
DATA 500mV/DIV
5ns/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com