Electronic Components Datasheet Search
  English  ▼

X  

AD9249 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9249
Description  16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9249 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9249 Datasheet HTML 24Page - Analog Devices AD9249 Datasheet HTML 25Page - Analog Devices AD9249 Datasheet HTML 26Page - Analog Devices AD9249 Datasheet HTML 27Page - Analog Devices AD9249 Datasheet HTML 28Page - Analog Devices AD9249 Datasheet HTML 29Page - Analog Devices AD9249 Datasheet HTML 30Page - Analog Devices AD9249 Datasheet HTML 31Page - Analog Devices AD9249 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Data Sheet
AD9249
Rev. 0 | Page 27 of 36
HARDWARE INTERFACE
The pins described in Table 15 comprise the physical interface
between the user programming device and the serial port of the
AD9249. The SCLK/DTP pin (SCLK functionality) and the CSB1
and CSB2 pins function as inputs when using the SPI interface.
The SDIO/DFS pin (SDIO functionality) is bidirectional,
functioning as an input during write phases and as an output
during readback.
The SPI interface is flexible enough to be controlled by either
FPGAs or microcontrollers. One method for SPI configuration
is described in detail in the AN-812 Application Note, Micro-
controller-Based Serial Port Interface (SPI) Boot Circuit.
The SPI port should not be active during periods when the full
dynamic performance of the converter is required. Because the
SCLK signal, the CSB1 and CSB2 signals, and the SDIO signal
are typically asynchronous to the ADC clock, noise from these
signals can degrade converter performance. If the on-board SPI
bus is used for other devices, it may be necessary to provide
buffers between this bus and the AD9249 to prevent these
signals from transitioning at the converter inputs during critical
sampling periods.
Some pins serve a dual function when the SPI interface is not
being used. When the pins are strapped to DRVDD or ground
during device power-on, they are associated with a specific
function. Table 13 and Table 14 describe the strappable
functions supported on the AD9249.
CONFIGURATION WITHOUT THE SPI
In applications that do not interface to the SPI control registers,
the SDIO/DFS pin, the SCLK/DTP pin, and the PDWN pin
serve as standalone CMOS-compatible control pins. When the
device is powered up, it is assumed that the user intends to use the
pins as static control lines for the output data format, output
digital test pattern, and power-down feature control. In this
mode, connect CSB1 and CSB2 to AVDD, which disables the
serial port interface.
When the device is in SPI mode, the PDWN pin (if enabled)
remains active. For SPI control of power-down, set the PDWN pin
to its inactive state (low).
SPI ACCESSIBLE FEATURES
Table 16 provides a brief description of the general features that
are accessible via the SPI. These features are described further in
the AN-877 Application Note, Interfacing to High Speed ADCs via
SPI. The AD9249 device-specific features are described in detail
in the Memory Map Register Descriptions section following
Table 17, the external memory map register table.
Table 16. Features Accessible Using the SPI
Feature Name
Description
Power Mode
Allows the user to set either power-down mode
or standby mode
Clock
Allows the user to access the DCS, set the clock
divider, set the clock divider phase, and enable
the sync function
Offset
Allows the user to digitally adjust the converter
offset
Test I/O
Allows the user to set test modes to have
known data on output bits
Output Mode
Allows the user to set the output mode
Output Phase
Allows the user to set the output clock polarity
ADC Resolution
and Speed Grade
Allows scalable power consumption options
based on resolution and speed grade selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com