Electronic Components Datasheet Search
  English  ▼

X  

AD9249 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9249
Description  16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9249 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9249 Datasheet HTML 15Page - Analog Devices AD9249 Datasheet HTML 16Page - Analog Devices AD9249 Datasheet HTML 17Page - Analog Devices AD9249 Datasheet HTML 18Page - Analog Devices AD9249 Datasheet HTML 19Page - Analog Devices AD9249 Datasheet HTML 20Page - Analog Devices AD9249 Datasheet HTML 21Page - Analog Devices AD9249 Datasheet HTML 22Page - Analog Devices AD9249 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
AD9249
Data Sheet
Rev. 0 | Page 18 of 36
Differential Input Configurations
There are several ways to drive the AD9249, either actively or
passively. However, optimum performance is achieved by driving
the analog inputs differentially. Using a differential double balun
configuration to drive the AD9249 provides excellent performance
and a flexible interface to the ADC (see Figure 35) for baseband
applications. Similarly, differential transformer coupling also
provides excellent performance (see Figure 36).
Because the noise performance of most amplifiers is not adequate
to achieve the true performance of the AD9249, use of these
passive configurations is recommended wherever possible.
Regardless of the configuration, the value of the shunt capacitor, C,
is dependent on the input frequency and may need to be reduced
or removed.
It is recommended that the AD9249 inputs not be driven single-
ended.
VOLTAGE REFERENCE
A stable and accurate 1.0 V voltage reference is built into the
AD9249. Configure VREF using either the internal 1.0 V
reference or an externally applied 1.0 V reference voltage. The
various reference modes are summarized in the Internal Reference
Connection section and the External Reference Operation section.
Bypass the VREF pin to ground externally, using a low ESR,
1.0 μF capacitor in parallel with a low ESR, 0.1 μF ceramic
capacitor.
Internal Reference Connection
A comparator within the AD9249 detects the potential at the
SENSE pin and configures the reference into two possible
modes, which are summarized in Table 9. If SENSE is grounded,
the reference amplifier switch is connected to the internal resistor
divider (see Figure 34), setting VREF to 1.0 V.
Table 9. Reference Configuration Summary
Selected Mode
SENSE
Voltage (V)
Resulting
VREF (V)
Resulting
Differential
Span (V p-p)
Fixed Internal
Reference
GND to 0.2
1.0 internal
2.0
Fixed External
Reference
AVDD
1.0 applied
to external
VREF pin
2.0
Figure 34. Internal Reference Configuration
Figure 35. Differential Double Balun Input Configuration for Baseband Applications
Figure 36. Differential Transformer Coupled Configuration for Baseband Applications
VREF
SENSE
0.5V
ADC
SELECT
LOGIC
0.1µF
1.0µF
VIN–x1, VIN–x2
VIN+x1, VIN+x2
ADC
CORE
ADC
R
0.1µF
0.1µF
2V p-p
VCM1,
VCM2
C
*C1
*C1
C
R
0.1µF
0.1µF
0.1µF
33Ω
200Ω
33Ω
33Ω
33Ω
ET1-1-I3
C
C
5pF
R
*C1 IS OPTIONAL
VIN+x1,
VIN+x2
VIN–x1,
VIN–x2
2V p-p
R
R
*C1
*C1 IS OPTIONAL
49.9Ω
0.1μF
ADT1-1WT
1:1 Z RATIO
ADC
*C1
C
VCM1,
VCM2
33Ω
33Ω
200Ω
0.1µF
5pF
VIN–x1,
VIN–x2
VIN+x1,
VIN+x2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com